Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM5365 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5365
Description  SENTRY 5 PRODUCT LINE: SECURED SWITCH PROCESSORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5365 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5365 Datasheet HTML 1Page - Broadcom Corporation. BCM5365 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5365/BCM5365P
®
SENTRY 5 PRODUCT LINE: BCM5365/BCM5365P SECURED SWITCH PROCESSORS
BCM5365/5365P-Based System Applications
The most highly integrated access security processors
5-port 10/100 Ethernet switch with integrated PHY (TX/FX)
• IEEE 802.1Q (VLAN) support; IEEE 802.1P (4 Priority Queues
- CoS, QoS), DiffServ, ToS support; IEEE 802.1D (Spanning
Tree) support
• 802.1X protocols, IP multicast, IGMP snooping for video
streaming applications, broadcast suppression, and hosting of
multiple subnets
• 128-KB on-chip packet buffer
Complete on-chip IPSec processing
• Supports AES, DES, 3DES, HMAC-SHA1, HMAC-MD5,
SHA-1, MD5
• 75-Mbps AES/3DES/HMAC-SHA1
• Single-pass encryption and authentication
General purpose 200-MHz MIPS32™ Processor·
• 8 KB of instruction cache, 4 KB of data cache
Supports Linux
®, and VxWorks® operating systems
BCM5365P supports PCI 2.2, 32-bit/33-MHz host/slave
interface
• Supports four additional PCI devices in host mode
Extensive interface flexibility
• Interface to flash memory (up to 32 MB)
• Interface to SDRAM/DDRAM (up to 512 MB, 100 MHz)
• GPIO, USB, UART interface
JTAG/EJTAG support
400-pin PBGA package
Low power, 1.8V core, 3.3V I/O operation
Linux Open Source application software support
• Third-party software support
System-on-a-chip solution offers optimal price/performance
ratio and form factor, low power dissipation, and fastest time
to market
Integration of managed five-port Fast Ethernet switch
Integration of MIPS32 CPU with silicon-proven IPSec
processor facilitates complete packet processing in one pass for
multiple policy-based packet routing and/or packet
transformations (firewall, NAT, VPN, QoS)
Enables advanced application development with industry-
standard operating systems/platforms/tools
Widely proliferated high-performance MIPS32 CPU enables
advanced application development with industry-standard
operating systems/platforms/tools
Extensive application software offered
• IPSec (VPN), PPTP (passthrough), PPPoE client
• NAT, filtering (IP, TCP), dynamic firewall, DMZ
• Ethernet routing, static routing, DHCP server/client
Compatible with other Broadcom devices, enabling optimal
system-level form factor, costs, and power dissipation
FE A T UR E S
SU MM AR Y O F B E N E FI TS
BCM5365
SDRAM(32MB)
DMZ
Magnetics
RJ-45
Magnetics
RJ-45
Magnetics
RJ-45
Magnetics
RJ-45
Magnetics
RJ-45
4-Port 10/100 LAN
10/100 WAN
BCM5365
BCM5365-Based Wired Home Router
TX/RX
BCM5365
Clock (25 MHz)
Magnetics
RJ-45
Magnetics
RJ-45
Magnetics
RJ-45
Magnetics
RJ-45
Magnetics
RJ-45
4-Port 10/100 LAN
10/100 WAN
BCM5365P
BCM5365P-Based Wireless Router
SDRAM (Up to 512 MB)
BCM430X
BCM2050
PCI
Wireless MAC


Similar Part No. - BCM5365

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5364 BOARDCOM-BCM5364 Datasheet
129Kb / 2P
   SENTRY 5 PRODUCT LINE: BCM5364/BCM5364P SECURED SWITCH PROCESSORS
BCM5364P BOARDCOM-BCM5364P Datasheet
129Kb / 2P
   SENTRY 5 PRODUCT LINE: BCM5364/BCM5364P SECURED SWITCH PROCESSORS
More results

Similar Description - BCM5365

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5364 BOARDCOM-BCM5364 Datasheet
129Kb / 2P
   SENTRY 5 PRODUCT LINE: BCM5364/BCM5364P SECURED SWITCH PROCESSORS
logo
Intel Corporation
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
   Product Line of Network Processors
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
   Intel IXP43X Product Line of Network Processors
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
   Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
IXP42X INTEL-IXP42X Datasheet
1Mb / 134P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
Intel Corporation
PRIXP425BD INTEL-PRIXP425BD Datasheet
2Mb / 112P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
logo
Advantech Co., Ltd.
ESRP-AWS-UNO ADVANTECH-ESRP-AWS-UNO Datasheet
794Kb / 2P
   Secured Edge Analyzer
logo
AVX Corporation
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
AA301C104K4R AVX-AA301C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com