Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY26L Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATTINY26L
Description  8-bit Microcontroller with 2K Bytes Flash
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY26L Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATTINY26L Datasheet HTML 4Page - ATMEL Corporation ATTINY26L Datasheet HTML 5Page - ATMEL Corporation ATTINY26L Datasheet HTML 6Page - ATMEL Corporation ATTINY26L Datasheet HTML 7Page - ATMEL Corporation ATTINY26L Datasheet HTML 8Page - ATMEL Corporation ATTINY26L Datasheet HTML 9Page - ATMEL Corporation ATTINY26L Datasheet HTML 10Page - ATMEL Corporation ATTINY26L Datasheet HTML 11Page - ATMEL Corporation ATTINY26L Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 185 page
background image
8
ATtiny26(L)
1477I–AVR–10/06
AVR CPU Core
Architectural Overview
The fast-access Register File concept contains 32 x 8-bit general purpose working reg-
isters with a single clock cycle access time. This means that during one single clock
cycle, one ALU (Arithmetic Logic Unit) operation is executed. Two operands are output
from the Register File, the operation is executed, and the result is stored back in the
Register File – in one clock cycle.
Six of the 32 registers can be used as 16-bit pointers for indirect memory access. These
pointers are called the X-, Y-, and Z-pointers, and they can address the Register File
and the Flash program memory.
Figure 2. The ATtiny26(L) AVR Enhanced RISC Architecture
The ALU supports arithmetic and logic functions between registers or between a con-
stant and a register. Single register operations are also executed in the ALU. Figure 2
shows the ATtiny26(L) AVR Enhanced RISC microcontroller architecture. In addition to
the register operation, the conventional memory addressing modes can be used on the
Register File as well. This is enabled by the fact that the Register File is assigned the 32
lowermost Data Space addresses ($00 - $1F), allowing them to be accessed as though
they were ordinary memory locations.
The I/O memory space contains 64 addresses for CPU peripheral functions as Control
Registers, Timer/Counters, A/D Converters, and other I/O functions. The I/O Memory
can be accessed directly, or as the Data Space locations following those of the Register
File, $20 - $5F.
1024 x 16
Program
FLASH
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registers
ALU
Status
and Test
Control
Registers
Interrupt
Unit
2 x 8-bit
Timer/Counter
Universal
Serial Interface
Watchdog
Timer
Analog
Comparator
I/O Lines
8-bit Data Bus
ISP Unit
ADC
128 x 8
SRAM
128 byte
EEPROM


Similar Part No. - ATTINY26L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY26L ATMEL-ATTINY26L Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26L ATMEL-ATTINY26L Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26L-8MC ATMEL-ATTINY26L-8MC Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26L-8MC ATMEL-ATTINY26L-8MC Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26L-8MI ATMEL-ATTINY26L-8MI Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - ATTINY26L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com