Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6603-PLQW Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA6603-PLQW
Description  Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
Download  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6603-PLQW Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA6603-PLQW Datasheet HTML 4Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 5Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 6Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 7Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 8Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 9Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 10Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 11Page - ATMEL Corporation ATA6603-PLQW Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 362 page
background image
8
4921C–AUTO–01/07
ATA6602/ATA6603
3.3.13
Modes of Operation
Figure 3-2.
Modes of Operation
3.3.13.1
Normal Mode
This is the normal transmitting and receiving mode. The voltage regulator is in normal mode and
can source 50 mA. The undervoltage detection is activated. The watchdog needs a trigger
signal from PTRIG or NTRIG to avoid resets at NRES.
3.3.13.2
Silent Mode
A falling edge at EN while TXD is high switches the IC into Silent Mode. The TXD signal has to
be logic high during the Mode Select window (see Figure 3-3 on page 9). For EN and TXD either
two independent outputs can be used, or two outputs from the same microcontroller port; in the
second case, the mode change is only one command. In Silent Mode, the transmission path is
disabled. Supply current from V
Bat is typically IVSsi = 40 µA with no load at the VDD regulator.
The overall supply current from V
Bat is the addition of 40 µA plus the VDD regulator output current
I
VDDs.
Pre-normal Mode
VCC: 5V/50 mA with undervoltage
monitoring
Communication: OFF
a
b
Silent Mode
VCC: 5V
±7%/50 mA
with undervoltage monitoring
Communication: OFF
EN = 1
Go to silent command
EN = 0
TXD = 1
Local wake-up event
a: VS > 5V
b: VS < 4V
c: Bus wake-up event
d: NRES switches to low
e: Wake-up from wake-up switch
b
EN = 1
b
c + d + e
Normal Mode
VCC: 5V
±2%/50 mA
with undervoltage
monitoring
Communication: ON
Unpowered Mode
VBatt = 0
Sleep Mode
VCC: switched off
Communication: OFF
Go to sleep command
Local wake-up event
EN = 0
TXD = 0
EN = 1
b
c + e
d


Similar Part No. - ATA6603-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
ATA6612C ATMEL-ATA6612C Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612P-PLPW ATMEL-ATA6612P-PLPW Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results

Similar Description - ATA6603-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6614Q ATMEL-ATA6614Q_14 Datasheet
9Mb / 311P
   32K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616C ATMEL-ATA6616C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6617C ATMEL-ATA6617C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616 ATMEL-ATA6616_12 Datasheet
9Mb / 308P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com