Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6602 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA6602
Description  Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
Download  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6602 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA6602 Datasheet HTML 1Page - ATMEL Corporation ATA6602 Datasheet HTML 2Page - ATMEL Corporation ATA6602 Datasheet HTML 3Page - ATMEL Corporation ATA6602 Datasheet HTML 4Page - ATMEL Corporation ATA6602 Datasheet HTML 5Page - ATMEL Corporation ATA6602 Datasheet HTML 6Page - ATMEL Corporation ATA6602 Datasheet HTML 7Page - ATMEL Corporation ATA6602 Datasheet HTML 8Page - ATMEL Corporation ATA6602 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 362 page
background image
5
4921C–AUTO–01/07
ATA6602/ATA6603
Figure 3-1.
Block Diagram
VDD
VDD
VS
Adjustable
Watchdog
Oscillator
Short Circuit and
Overtemperature
Protection
TXD
Time-out
Timer
Debounce
Time
Internal Testing
Unit
Control Unit
Slew Rate Control
Wake-up Bus Timer
Standby Mode
Undervoltage
Reset
Normal Mode
5V ± 2%/50 mA
Silent Mode
5V ± 7%/50 mA
Filter
Watchdog
OUT
RXD
GND
GND
NTRIG
PTRIG
TM
MODE
TEMP
EN
TXD
WAKE
Receiver
VDD
VDD
Normal
Mode
LIN
WD_OSC
NRES
PVDD
VDD
VS


Similar Part No. - ATA6602

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
ATA6612C ATMEL-ATA6612C Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612P-PLPW ATMEL-ATA6612P-PLPW Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results

Similar Description - ATA6602

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6614Q ATMEL-ATA6614Q_14 Datasheet
9Mb / 311P
   32K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616C ATMEL-ATA6616C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6617C ATMEL-ATA6617C_14 Datasheet
8Mb / 274P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616 ATMEL-ATA6616_12 Datasheet
9Mb / 308P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6612C ATMEL-ATA6612C_14 Datasheet
9Mb / 312P
   8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com