Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C1024 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C1024
Description  Two-wire Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C1024 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C1024_05 Datasheet HTML 1Page - ATMEL Corporation AT24C1024_05 Datasheet HTML 2Page - ATMEL Corporation AT24C1024_05 Datasheet HTML 3Page - ATMEL Corporation AT24C1024_05 Datasheet HTML 4Page - ATMEL Corporation AT24C1024_05 Datasheet HTML 5Page - ATMEL Corporation AT24C1024_05 Datasheet HTML 6Page - ATMEL Corporation AT24C1024_05 Datasheet HTML 7Page - ATMEL Corporation AT24C1024_05 Datasheet HTML 8Page - ATMEL Corporation AT24C1024_05 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
AT24C1024
1471N–SEEPR–12/05
Table 2. Pin Capacitance
(1)
Note:
1. This parameter is characterized and is not 100% tested.
Table 3. DC Characteristics
Note:
1. V
IL min and VIH max are reference only and are not tested.
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +2.7V
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
C
IN
Input Capacitance (A
1, SCL)
6
pF
V
IN = 0V
Applicable over recommended operating range from: T
AI = –40°C to +85°C, VCC = +2.7V to +5.5V, TAC = 0°C to +70°C,
V
CC = +2.7V to +5.5V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC
Supply Voltage
2.7
5.5
V
ICC
Supply Current
VCC = 5.0V
READ at 400 kHz
2.0
mA
ICC
Supply Current
VCC = 5.0V
WRITE at 400 kHz
5.0
mA
ISB
Standby Current
V
CC = 2.7V
V
IN = VCC or VSS
3.0
µA
VCC = 5.5V
6.0
µA
ILI
Input Leakage Current
VIN = VCC or VSS
0.10
3.0
µA
ILO
Output Leakage
Current
V
OUT = VCC or VSS
0.05
3.0
µA
VIL
Input Low Level(1)
–0.6
VCC x 0.3
V
V
IH
Input High Level(1)
V
CC x 0.7
V
CC + 0.5
V
VOL
Output Low Level
VCC = 3.0V
IOL = 2.1 mA
0.4
V


Similar Part No. - AT24C1024_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024-10CI-2.7 ATMEL-AT24C1024-10CI-2.7 Datasheet
291Kb / 19P
   2-wire Serial EEPROM 1M (131,072 x 8)
AT24C1024-10PI-2.7 ATMEL-AT24C1024-10PI-2.7 Datasheet
291Kb / 19P
   2-wire Serial EEPROM 1M (131,072 x 8)
AT24C1024-10UI-2.7 ATMEL-AT24C1024-10UI-2.7 Datasheet
291Kb / 19P
   2-wire Serial EEPROM 1M (131,072 x 8)
AT24C1024B ATMEL-AT24C1024B Datasheet
934Kb / 21P
   Two-wire Serial EEPROM
AT24C1024B ATMEL-AT24C1024B Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
More results

Similar Description - AT24C1024_05

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com