Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV32-100 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYV32-100
Description  Rectifier diodes ultrafast
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV32-100 Datasheet(HTML) 5 Page - NXP Semiconductors

  BYV32-100 Datasheet HTML 1Page - NXP Semiconductors BYV32-100 Datasheet HTML 2Page - NXP Semiconductors BYV32-100 Datasheet HTML 3Page - NXP Semiconductors BYV32-100 Datasheet HTML 4Page - NXP Semiconductors BYV32-100 Datasheet HTML 5Page - NXP Semiconductors BYV32-100 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV32 series
ultrafast
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.12. TO220AB; pin 2 connected to mounting base.
Notes
1. Accessories supplied on request: refer to mounting instructions for TO220 envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
1 2 3
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
2,54 2,54
0,9 max (3x)
13,5
min
October 1994
5
Rev 1.100


Similar Part No. - BYV32-100

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV32-100 GE-BYV32-100 Datasheet
79Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
BYV32-100 VISHAY-BYV32-100 Datasheet
155Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 05-May-08
logo
Seme LAB
BYV32-100-XM SEME-LAB-BYV32-100-XM Datasheet
17Kb / 2P
   HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
BYV32-100-XTM SEME-LAB-BYV32-100-XTM Datasheet
17Kb / 2P
   HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
BYV32-100M SEME-LAB-BYV32-100M Datasheet
24Kb / 2P
   HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
More results

Similar Description - BYV32-100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV79 PHILIPS-BYV79 Datasheet
34Kb / 6P
   Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29 PHILIPS-BYW29 Datasheet
33Kb / 6P
   Rectifier diodes ultrafast
October 1994 Rev 1.100
BYR29F PHILIPS-BYR29F Datasheet
45Kb / 6P
   Rectifier diodes ultrafast
September 1998 Rev 1.400
BYT79 PHILIPS-BYT79_15 Datasheet
120Kb / 7P
   Rectifier diodes ultrafast
September 1998
BYV29 PHILIPS-BYV29_15 Datasheet
119Kb / 7P
   Rectifier diodes ultrafast
September 1998
BYV29F PHILIPS-BYV29F Datasheet
52Kb / 7P
   Rectifier diodes ultrafast
February 1999 Rev 1.400
BYV72F PHILIPS-BYV72F Datasheet
40Kb / 6P
   Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
   Rectifier diodes ultrafast
October 1994 Rev 1.100
BYQ28X PHILIPS-BYQ28X Datasheet
46Kb / 6P
   Rectifier diodes ultrafast
August 1996 Rev 1.000
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
   Rectifier diodes ultrafast
September 1998 Rev 1.300
logo
Guangdong Kexin Industr...
MURS260 KEXIN-MURS260 Datasheet
819Kb / 2P
   Ultrafast Rectifier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com