Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7B31-06-2 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B31-06-2
Description  Isolated Voltage Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B31-06-2 Datasheet(HTML) 2 Page - Analog Devices

  7B31-06-2 Datasheet HTML 1Page - Analog Devices 7B31-06-2 Datasheet HTML 2Page - Analog Devices 7B31-06-2 Datasheet HTML 3Page - Analog Devices 7B31-06-2 Datasheet HTML 4Page - Analog Devices 7B31-06-2 Datasheet HTML 5Page - Analog Devices 7B31-06-2 Datasheet HTML 6Page - Analog Devices 7B31-06-2 Datasheet HTML 7Page - Analog Devices 7B31-06-2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B31
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B31 is a single-channel signal conditioning module that
interfaces, amplifies and filters unipolar and bipolar voltage
inputs and provides a protected precision output of either +1 V
to +5 V or 0 V to +10 V. Model 7B31 features a nonlinearity of
+0.02% maximum and an accuracy of +0.1% maximum
(+0.01% typical). To accurately measure low level signals in
electrically noisy environments, 1500 V rms of galvanic
transformer-based isolation with a common mode rejection
(CMR) of 120 dB @ 50/60 Hz and a normal mode rejection
(NMR) of 60 dB @ 50/60 Hz are provided. Rated to operate
with a nominal +24 VDC supply, Model 7B31 is mix-and-match
and hot-swappable with other 7B Series input modules, so it can
be inserted or removed from any socket in the same backplane
without disturbing system power.
The floating differential input of Model 7B31 is fully protected
up to 120 V rms line voltage. A one-pole 3 Hz filter
preconditions the input signal prior to amplification by a low
drift input (1500 V rms input-to-output and power). Isolated
front-end circuitry power is supplied by a DC/DC converter.
The output section contains a two-pole low pass filter (-3 dB @
3 Hz), a buffer amplifier and a power oscillator. The two-pole
output filter and subsequent buffer ensures that a low noise, low
impedance (<1Ω) signal is available at the output to drive loads
of 2 kΩ minimum.
Figure 2


Similar Part No. - 7B31-06-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B31 AD-7B31_15 Datasheet
534Kb / 8P
   Isolated Voltage Input
REV. 0
More results

Similar Description - 7B31-06-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B30 AD-3B30_15 Datasheet
362Kb / 8P
   Isolated Voltage Input
REV. 0
3B31 AD-3B31_15 Datasheet
362Kb / 8P
   Isolated Voltage Input
REV. 0
3B30 AD-3B30 Datasheet
354Kb / 8P
   Isolated Voltage Input
REV. 0
7B31 AD-7B31_15 Datasheet
534Kb / 8P
   Isolated Voltage Input
REV. 0
3B40 AD-3B40 Datasheet
404Kb / 8P
   Isolated Wideband Voltage Input
REV. 0
7B30 AD-7B30 Datasheet
533Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B21 AD-7B21_15 Datasheet
516Kb / 8P
   Isolated High Level Voltage Input
REV. 0
7B41 AD-7B41_15 Datasheet
555Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B41 AD-7B41 Datasheet
554Kb / 8P
   Isolated, Voltage or Current Input
REV. 0
7B21 AD-7B21 Datasheet
516Kb / 8P
   Isolated High Level Voltage Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com