Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4276DS33G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV4276DS33G
Description  400 mA Low?묭rop Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4276DS33G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV4276DS33G Datasheet HTML 1Page - ON Semiconductor NCV4276DS33G Datasheet HTML 2Page - ON Semiconductor NCV4276DS33G Datasheet HTML 3Page - ON Semiconductor NCV4276DS33G Datasheet HTML 4Page - ON Semiconductor NCV4276DS33G Datasheet HTML 5Page - ON Semiconductor NCV4276DS33G Datasheet HTML 6Page - ON Semiconductor NCV4276DS33G Datasheet HTML 7Page - ON Semiconductor NCV4276DS33G Datasheet HTML 8Page - ON Semiconductor NCV4276DS33G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
NCV4276, NCV4276A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VI = 13.5 V; −40°C < TJ < 150°C; unless otherwise noted.)
Characteristic
Symbol
Test Conditions
NCV4276
NCV4276A
Unit
Min
Typ
Max
Min
Typ
Max
OUTPUT
Output Voltage, 5.0 V Version
VQ
5.0 mA < IQ < 400 mA,
6.0 V < VI < 28 V
4.8
5.0
5.2
4.9
5.0
5.1
V
Output Voltage, 5.0 V Version
VQ
5.0 mA < IQ < 200 mA,
6.0 V < VI < 40 V
4.8
5.0
5.2
4.9
5.0
5.1
V
Output Voltage, 3.3 V Version
VQ
5.0 mA < IQ < 400 mA,
4.5 V < VI < 28 V
3.168
3.3
3.432
3.234
3.3
3.366
V
Output Voltage, 3.3 V Version
VQ
5.0 mA < IQ < 200 mA,
4.5 V < VI < 40 V
3.168
3.3
3.432
3.234
3.3
3.366
V
Output Voltage, 2.5 V Version
VQ
5.0 mA < IQ < 400 mA,
4.5 V < VI < 28 V
2.4
2.5
2.6
V
Output Voltage, 2.5 V Version
VQ
5.0 mA < IQ < 200 mA,
4.5 V < VI < 40 V
2.4
2.5
2.6
V
Output Voltage, 1.8 V Version
VQ
5.0 mA < IQ < 400 mA,
4.5 V < VI < 28 V
1.728
1.8
1.872
V
Output Voltage, 1.8 V Version
VQ
5.0 mA < IQ < 200 mA,
4.5 V < VI < 40 V
1.728
1.8
1.872
V
Output Voltage, Adjustable
Version
AVQ
5.0 mA < IQ < 400 mA
VQ+1 < VI < 40 V
VI > 4.5 V
−4%
+4%
−2%
+2%
V
Output Current Limitation
IQ
VQ = 90% VQTYP (VQTYP
= 2.5 V for ADJ version)
400
700
1100
400
700
1100
mA
Quiescent Current (Sleep Mode)
Iq = II − IQ
Iq
VINH = 0 V
10
10
mA
Quiescent Current, Iq = II − IQ
Iq
IQ = 1.0 mA
130
220
130
200
mA
Quiescent Current, Iq = II − IQ
Iq
IQ = 250 mA
10
15
10
15
mA
Quiescent Current, Iq = II − IQ
Iq
IQ = 400 mA
25
35
25
35
mA
Dropout Voltage,
5.0 V Version
3.3 V Version
2.5 V Version
1.8 V Version
Adjustable Version
VDR
IQ = 250 mA,
VDR = VI − VQ
VI = 5.0 V
VI = 4.5 V
VI = 4.5 V
VI = 4.5 V
VI > 4.5 V
250
250
500
1.332
2.1
2.772
500
250
500
mV
V
V
V
mV
Dropout Voltage (5.0 V Version)
VDR
IQ = 250 mA (Note 7)
250
500
mV
Load Regulation
DVQ,LO
IQ = 5.0 mA to 400 mA
10
35
3.0
20
mV
Line Regulation
DVQ
DVI = 12 V to 32 V,
IQ = 5.0 mA
2.5
25
4.0
15
mV
Power Supply Ripple Rejection
PSRR
fr = 100 Hz, Vr = 0.5 VPP
60
54
dB
Temperature Output Voltage Drift
dVQ/dT
0.5
0.5
mV/K
INHIBIT
Inhibit Voltage, Output High
VINH
VQ w VQMIN
2.8
3.5
2.3
3.5
V
Inhibit Voltage, Output Low (Off)
VINH
VQ v 0.1 V
0.5
1.7
0.5
2.2
V
Input Current
IINH
VINH = 5.0 V
5.0
10
20
5.0
10
20
mA
THERMAL SHUTDOWN
Thermal Shutdown Temperature*
TSD
IQ = 5.0 mA
150
210
150
210
°C
*Guaranteed by design, not tested in production.
7. Measured when the output voltage VQ has dropped 100 mV from the nominal valued obtained at V = 13.5 V.


Similar Part No. - NCV4276DS33G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276DS33 ONSEMI-NCV4276DS33 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4276DS33R4 ONSEMI-NCV4276DS33R4 Datasheet
80Kb / 12P
   Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
More results

Similar Description - NCV4276DS33G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
NCV4274ADS33R4G ONSEMI-NCV4274ADS33R4G Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com