Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT43USB320A-AC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT43USB320A-AC
Description  Full-speed USB Microcontroller with an Embedded Hub
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB320A-AC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT43USB320A-AC Datasheet HTML 5Page - ATMEL Corporation AT43USB320A-AC Datasheet HTML 6Page - ATMEL Corporation AT43USB320A-AC Datasheet HTML 7Page - ATMEL Corporation AT43USB320A-AC Datasheet HTML 8Page - ATMEL Corporation AT43USB320A-AC Datasheet HTML 9Page - ATMEL Corporation AT43USB320A-AC Datasheet HTML 10Page - ATMEL Corporation AT43USB320A-AC Datasheet HTML 11Page - ATMEL Corporation AT43USB320A-AC Datasheet HTML 12Page - ATMEL Corporation AT43USB320A-AC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 115 page
background image
9
AT43USB320A
1443E–USB–4/04
X-, Y- and Z-
Registers
Registers R26..R31 contain some added functions to their general-purpose usage. These reg-
isters are address pointers for indirect addressing of the Data Space. The three indirect
address registers X, Y, and Z are defined as:
In the different addressing modes these address registers have functions as fixed displace-
ment, automatic increment and decrement (see the descriptions for the different instructions).
ALU – Arithmetic
Logic Unit
The high-performance AVR ALU operates in direct connection with all 32 general purpose
working registers. Within a single clock cycle, ALU operations between registers in the register
file are executed. The ALU operations are divided into three main categories – arithmetic, log-
ical and bit-functions.
Program Memory
The AT43USB320A operates from an external program memory. Since all instructions are 16-
or 32-bit words, the program memory is organized as X16. The AT43USB320A Program
Counter (PC) is 16 bits wide, thus addressing the 64K program memory addresses.
Constant tables can be allocated within the entire program memory address space (see the
LPM - Load Program Memory instruction description).
X-register
15
XH
XL
0
70
7
0
R27 ($1B)
R26 ($1A)
Y-register
15
YH
YL
0
70
7
0
R29 ($1D)
R28 ($1C)
Z-register
15
ZH
ZL
0
70
7
0
R30 ($1F)
R31 ($1E)


Similar Part No. - AT43USB320A-AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A Datasheet
36Kb / 2P
   Missed Watchdog Timer Reset
More results

Similar Description - AT43USB320A-AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
   Full speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB355 ATMEL-AT43USB355_06 Datasheet
1Mb / 115P
   Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
   Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
logo
Cypress Semiconductor
CY7C65013 CYPRESS-CY7C65013 Datasheet
422Kb / 51P
   USB Hub with Microcontroller
CY7C65113C CYPRESS-CY7C65113C Datasheet
2Mb / 49P
   USB Hub with Microcontroller
logo
Winbond
W81E381 WINBOND-W81E381 Datasheet
695Kb / 63P
   FULL SPEED USB INTEGRATED MICROCONTROLLER
logo
ATMEL Corporation
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
   8-bit Microcontroller with Full Speed USB Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com