Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4274ADS50R4G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV4274ADS50R4G
Description  400 mA 2% and 4%Voltage Regulator Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4274ADS50R4G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV4274ADS50R4G Datasheet HTML 4Page - ON Semiconductor NCV4274ADS50R4G Datasheet HTML 5Page - ON Semiconductor NCV4274ADS50R4G Datasheet HTML 6Page - ON Semiconductor NCV4274ADS50R4G Datasheet HTML 7Page - ON Semiconductor NCV4274ADS50R4G Datasheet HTML 8Page - ON Semiconductor NCV4274ADS50R4G Datasheet HTML 9Page - ON Semiconductor NCV4274ADS50R4G Datasheet HTML 10Page - ON Semiconductor NCV4274ADS50R4G Datasheet HTML 11Page - ON Semiconductor NCV4274ADS50R4G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCV4274, NCV4274A
http://onsemi.com
8
TYPICAL CHARACTERISTIC CURVES − 3.3 V Version
2.9
3.0
3.1
3.4
3.5
−40
0
40
80
120
160
TJ (°C)
0
1
2
3
4
5
6
01
3
4
5
6
RL = 20 W
TJ = 25°C
VI = 6 V
RL = 1 kW
VI (V)
Figure 13. Output Voltage vs. Junction
Temperature
0
200
400
600
800
0
1020
3040
50
VI (V)
Figure 14. Output Voltage vs. Input Voltage
TJ = 25°C
VQ = 0 V
0
10
20
30
40
50
60
0
100
200
300
400
500
600
IQ (mA)
Figure 15. Output Current vs. Input Voltage
TJ = 25°C
VI = 13.5 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
010
20
30
40
50
60
IQ (mA)
TJ = 25°C
VI = 13.5 V
Figure 16. Current Consumption vs. Output
Current (High Load)
Figure 17. Current Consumption vs. Output
Current (Low Load)
Figure 18. Voltage Drop vs. Output Current
1.14
1.16
1.18
1.20
1.22
1.24
1.26
0
100
200
300
400
IQ (mA)
TJ = 25°C
TJ = 125°C
3.2
3.3
2
VDR = VI(min) − VQ


Similar Part No. - NCV4274ADS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274ADS50R4G ONSEMI-NCV4274ADS50R4G Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4274ADS50R4G ONSEMI-NCV4274ADS50R4G Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
More results

Similar Description - NCV4274ADS50R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274ADS33R4G ONSEMI-NCV4274ADS33R4G Datasheet
170Kb / 18P
   400 mA 2% and 4%Voltage Regulator Family
April, 2013 ??Rev. 15
NCV4274 ONSEMI-NCV4274 Datasheet
156Kb / 16P
   400 mA 2% and 4%Voltage Regulator Family
December, 2006 ??Rev. 7
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com