Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV26E Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYV26E
Description  Fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV26E Datasheet(HTML) 3 Page - NXP Semiconductors

  BYV26E Datasheet HTML 1Page - NXP Semiconductors BYV26E Datasheet HTML 2Page - NXP Semiconductors BYV26E Datasheet HTML 3Page - NXP Semiconductors BYV26E Datasheet HTML 4Page - NXP Semiconductors BYV26E Datasheet HTML 5Page - NXP Semiconductors BYV26E Datasheet HTML 6Page - NXP Semiconductors BYV26E Datasheet HTML 7Page - NXP Semiconductors BYV26E Datasheet HTML 8Page - NXP Semiconductors BYV26E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1996 May 30
3
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV26 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
IFRM
repetitive peak forward current
Tamb =60 °C; see Figs 8 and 9
BYV26A to E
6.0
A
BYV26F and G
6.4
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave; Tj =Tj max
prior to surge; VR =VRRMmax
30
A
ERSM
non-repetitive peak reverse
avalanche energy
IR = 400 mA; Tj =Tj max prior to
surge; inductive load switched off
10
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Figs 12 and 13
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 1 A; Tj =Tj max;
see Figs 14 and 15
BYV26A to E
−−
1.3
V
BYV26F and G
−−
1.3
V
VF
forward voltage
IF =1A;
see Figs 14 and 15
BYV26A to E
−−
2.50
V
BYV26F and G
−−
2.15
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 0.1 mA
BYV26A
300
−−
V
BYV26B
500
−−
V
BYV26C
700
−−
V
BYV26D
900
−−
V
BYV26E
1100
−−
V
BYV26F
1300
−−
V
BYV26G
1500
−−
V
IR
reverse current
VR =VRRMmax; see Fig.16
−−
5
µA
VR =VRRMmax;
Tj = 165 °C; see Fig.16
−−
150
µA
trr
reverse recovery time
when switched from
IF = 0.5 A to IR =1A;
measured at IR = 0.25 A;
see Fig.20
BYV26A to C
−−
30
ns
BYV26D and E
−−
75
ns
BYV26F and G
−−
150
ns
Cd
diode capacitance
f = 1 MHz; VR =0V;
see Figs 17 and 18
BYV26A to C
45
pF
BYV26D and E
40
pF
BYV26F and G
35
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT


Similar Part No. - BYV26E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV26E VISHAY-BYV26E Datasheet
41Kb / 4P
   Very Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
BYV26E VISHAY-BYV26E Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BYV26E NJSEMI-BYV26E Datasheet
159Kb / 2P
   Ultra-Fast Avalanche Sinterglass Diode
logo
General Semiconductor
BYV26E GE-BYV26E Datasheet
53Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
BYV26E VISHAY-BYV26E Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
More results

Similar Description - BYV26E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com