Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4269D1R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV4269D1R2G
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4269D1R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV4269D1R2G Datasheet HTML 1Page - ON Semiconductor NCV4269D1R2G Datasheet HTML 2Page - ON Semiconductor NCV4269D1R2G Datasheet HTML 3Page - ON Semiconductor NCV4269D1R2G Datasheet HTML 4Page - ON Semiconductor NCV4269D1R2G Datasheet HTML 5Page - ON Semiconductor NCV4269D1R2G Datasheet HTML 6Page - ON Semiconductor NCV4269D1R2G Datasheet HTML 7Page - ON Semiconductor NCV4269D1R2G Datasheet HTML 8Page - ON Semiconductor NCV4269D1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 − Rev. 10
1
Publication Order Number:
NCV4269/D
NCV4269
5.0 V Micropower 150 mA
LDO Linear Regulator with
DELAY, Adjustable RESET,
and Sense Output
The NCV4269 is a 5.0 V precision micropower voltage regulator
with an output current capability of 150 mA.
The output voltage is accurate within
±2.0% with a maximum
dropout voltage of 0.5 V at 100 mA. Low quiescent current is a feature
drawing only 240
mA with a 1.0 mA load. This part is ideal for any and
all battery operated microprocessor equipment.
Microprocessor control logic includes an active reset output RO
with delay and a SI/SO monitor which can be used to provide an early
warning signal to the microprocessor of a potential impending reset
signal. The use of the SI/SO monitor allows the microprocessor to
finish any signal processing before the reset shuts the microprocessor
down.
The active Reset circuit operates correctly at an output voltage as
low as 1.0 V. The Reset function is activated during the power up
sequence or during normal operation if the output voltage drops
outside the regulation limits.
The reset threshold voltage can be decreased by the connection of an
external resistor divider to the RADJ lead. The regulator is protected
against reverse battery, short circuit, and thermal overload conditions.
The device can withstand load dump transients making it suitable for
use in automotive environments. The device has also been optimized
for EMC conditions.
Features
5.0 V ± 2.0% Output
Low 240 mA Quiescent Current
Active Reset Output Low Down to VQ = 1.0 V
Adjustable Reset Threshold
150 mA Output Current Capability
Fault Protection
+60 V Peak Transient Voltage
−40 V Reverse Voltage
Short Circuit
Thermal Overload
Early Warning through SI/SO Leads
Internally Fused Leads in SO−14 and SO−20L Packages
Integrated Pullup Resistor at Logic Outputs (To Use External
Resistors, Select the NCV4279)
Very Low Dropout Voltage
Electrical Parameters Guaranteed Over Entire Temperature Range
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
http://onsemi.com
SO−20L
DW SUFFIX
CASE 751D
1
20
SO−14
D SUFFIX
CASE 751A
1
14
MARKING
DIAGRAMS
1
NCV4269
AWLYWWG
14
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G,
G
= Pb Free
SO−8
D SUFFIX
CASE 751
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
20
1
NCV4269
AWLYYWWG
1
8
4269
ALYW
G
1
8
1
8
V4269
ALYW
G
1
8
SO−8
EXPOSED PAD
D SUFFIX
CASE 751AC


Similar Part No. - NCV4269D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4269D1R2 ONSEMI-NCV4269D1R2 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
More results

Similar Description - NCV4269D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279 ONSEMI-NCV4279_05 Datasheet
114Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279C ONSEMI-NCV4279C Datasheet
123Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269C ONSEMI-NCV4269C Datasheet
156Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
June, 2015 ??Rev. 3
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com