Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4269D1R2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV4269D1R2
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4269D1R2 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV4269D1R2 Datasheet HTML 1Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 2Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 3Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 4Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 5Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 6Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 7Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 8Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCV4269
http://onsemi.com
3
MAXIMUM RATINGS (TJ = −40°C to 150°C)
Parameter
Symbol
Min
Max
Unit
Input to Regulator
VI
II
−40
Internally Limited
45
Internally Limited
V
Input Transient to Regulator
VI
60
V
Sense Input
VSI
ISI
−40
−1
45
1
V
mA
Reset Threshold Adjust
VRADJ
IRADJ
−0.3
−10
7
10
V
mA
Reset Delay
VD
ID
−0.3
Internally Limited
7
Internally Limited
V
Ground
Iq
50
mA
Reset Output
VRO
IRO
−0.3
Internally Limited
7
Internally Limited
V
Sense Output
VSO
ISO
−0.3
Internally Limited
7
Internally Limited
V
Regulated Output
VQ
IQ
−0.5
−10
7.0
V
mA
Junction Temperature
Storage Temperature
TJ
TSTG
−50
150
150
°C
°C
Input Voltage Operating Range
Junction Temperature Operating Range
VI
TJ
−40
45
150
V
°C
Lead Temperature Soldering and MSL
Parameter
Symbol
Value
MSL, 20−Lead LS Temperature 265
°C Peak (Note 3)
MSL
3
MSL, 20−Lead, LS Temperature 240
°C Peak (Note 4)
MSL
1
MSL, 8−Lead, 14−Lead, LS Temperature 265
°C Peak (Note 3)
MSL
1
MSL, 8−Lead EP, LS Temperature 260
°C
MSL
2
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series incorporates ESD protection and exceeds the following ratings:
Human Body Model (HBM)
≤ 2.0 kV per JEDEC standard: JESD22–A114.
Machine Model (MM)
≤ 200 V per JEDEC standard: JESD22–A115.
2. Latchup Current Maximum Rating:
≤ 150 mA per JEDEC standard: JESD78.
3. +5
°C/−0°C, 40 Sec Max−at−Peak, 60 − 150 Sec above 217°C.
4. +5
°C/−0°C, 30 Sec Max−at−Peak, 60 − 150 Sec above 183°C.
THERMAL CHARACTERISTICS
Characteristic
Test Conditions (Typical Values)
Unit
SO−8 Package (Note 5)
Junction−to−Pin 4 (
Y − JL4, YL4)
53.8
°C/W
Junction−to−Ambient Thermal Resistance (RqJA, qJA)
170.9
°C/W
SO−8 EP Package (Note 5)
Junction−to−Pin 8 (
Y − JL8, YL8)
23.7
°C/W
Junction−to−Ambient Thermal Resistance (RqJA, qJA)
71.4
°C/W
Junction−to−Pad (
Y − JPad)
7.7
°C/W
SO−14 Package (Note 5)
Junction−to−Pin 4 (
Y − JL4, YL4)
18.4
°C/W
Junction−to−Ambient Thermal Resistance (RqJA, qJA)
111.6
°C/W
SO−20 Package (Note 5)
Junction−to−Pin 4 (
Y − JL4, YL4)
21.8
°C/W
Junction−to−Ambient Thermal Resistance (RqJA, qJA)
95.3
°C/W
5. 2 oz copper, 50 mm2 copper area, 1.5 mm thick FR4


Similar Part No. - NCV4269D1R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4269D1R2 ONSEMI-NCV4269D1R2 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
More results

Similar Description - NCV4269D1R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279 ONSEMI-NCV4279_05 Datasheet
114Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279C ONSEMI-NCV4279C Datasheet
123Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269C ONSEMI-NCV4269C Datasheet
156Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
June, 2015 ??Rev. 3
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com