Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4269D1R2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV4269D1R2
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4269D1R2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV4269D1R2 Datasheet HTML 6Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 7Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 8Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 9Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 10Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 11Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 12Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 13Page - ON Semiconductor NCV4269D1R2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCV4269
http://onsemi.com
10
APPLICATION DESCRIPTION
OUTPUT REGULATOR
The output is controlled by a precision trimmed reference.
The PNP output has base drive quiescent current control for
regulation while the input voltage is low, preventing over
saturation. Current limit and voltage monitors complement
the regulator design to give safe operating signals to the
processor and control circuits.
RESET OUTPUT (RO)
A reset signal, Reset Output, RO, (low voltage) is
generated as the IC powers up. After the output voltage VQ
increases above the reset threshold voltage VRT, the delay
timer D is started. When the voltage on the delay timer VD
passes VUD, the reset signal RO goes high. A discharge of
the delay timer VD is started when VQ drops and stays below
the reset threshold voltage VRT. When the voltage of the
delay timer VD drops below the lower threshold voltage VLD
the reset output voltage VRO is brought low to reset the
processor.
The reset output RO is an open collector NPN transistor
with an internal 20 k
W pullup resistor connected to the
output Q, controlled by a low voltage detection circuit. The
circuit is functionally independent of the rest of the IC,
thereby guaranteeing that RO is valid for VQ as low as 1.0 V.
RESET ADJUST (RADJ)
The reset threshold VRT can be decreased from a typical
value of 4.65 V to as low as 3.5 V by using an external
voltage divider connected from the Q lead to the pin RADJ,
as shown in Figure 21. The resistor divider keeps the voltage
above the VRADJ,TH (typical 1.35 V) for the desired input
voltages, and overrides the internal threshold detector.
Adjust the voltage divider according to the following
relationship:
VRT + VRADJ, TH @ (RADJ1 ) RADJ2) RADJ2
(eq. 1)
If the reset adjust option is not needed, the RADJ pin
should be connected to GND causing the reset threshold to
go to its default value (typically 4.65 V).
RESET DELAY (D)
The reset delay circuit provides a delay (programmable by
capacitor CD) on the reset output lead RO. The delay lead D
provides charge current ID (typically 6.5 mA) to the external
delay capacitor CD during the following times:
1. During Powerup (once the regulation threshold has
been exceeded).
2. After a reset event has occurred and the device is
back in regulation. The delay capacitor is set to
discharge when the regulation (VRT, reset
threshold voltage) has been violated. When the
delay capacitor discharges to VLD, the reset signal
RO pulls low.
SETTING THE DELAY TIME
The delay time is set by the delay capacitor CD and the
charge current ID. The time is measured by the delay
capacitor voltage charging from the low level of VDSAT to
the higher level VUD. The time delay follows the equation:
td + [CD (VUD * VDSAT)] ID
(eq. 2)
Example:
Using CD = 100 nF.
Use the typical value for VDSAT = 0.1 V.
Use the typical value for VUD = 1.8 V.
Use the typical value for Delay Charge Current ID = 6.5 mA.
td + [100 nF (1.8 * 0.1 V)] 6.5 mA + 26.2 ms (eq. 3)
Q
GND
I
RADJ
NCV4269
CQ**
10
mF
RO
0.1
mF
D
CD
VBAT
VDD
SO
Figure 21. Application Diagram
SI
I/O
I/O
RADJ2
RADJ1
RSI1
RSI2
CI*
*CI required if regulator is located far from the power supply filter.
** CQ required for Stability. Cap must operate at minimum temperature expected.


Similar Part No. - NCV4269D1R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4269D1R2 ONSEMI-NCV4269D1R2 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
More results

Similar Description - NCV4269D1R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279 ONSEMI-NCV4279_05 Datasheet
114Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279C ONSEMI-NCV4279C Datasheet
123Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269C ONSEMI-NCV4269C Datasheet
156Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
June, 2015 ??Rev. 3
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com