Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4269D1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV4269D1G
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4269D1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV4269D1G Datasheet HTML 1Page - ON Semiconductor NCV4269D1G Datasheet HTML 2Page - ON Semiconductor NCV4269D1G Datasheet HTML 3Page - ON Semiconductor NCV4269D1G Datasheet HTML 4Page - ON Semiconductor NCV4269D1G Datasheet HTML 5Page - ON Semiconductor NCV4269D1G Datasheet HTML 6Page - ON Semiconductor NCV4269D1G Datasheet HTML 7Page - ON Semiconductor NCV4269D1G Datasheet HTML 8Page - ON Semiconductor NCV4269D1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCV4269
http://onsemi.com
2
I
RO
Q
SO
RADJ
D
Figure 1. Block Diagram
GND
SI
Reference
or
RRO
RSO
Error
Amplifier
Reference
and Trim
Current and
Saturation
Control
+
PIN CONNECTIONS
SO
RO
Q
GND
GND
GND
GND
GND
114
GND
GND
I
D
SI
RADJ
1
20
NC
NC
GND
GND
GND
GND
GND
GND
GND
GND
NC
NC
I
D
SI
RADJ
Q
NC
SO
RO
SO−20L
SO−14
GND
D
18
RO
RADJ
SO
SI
Q
I
SO−8
PACKAGE PIN DESCRIPTION
Package Pin Number
Pin Symbol
Function
SO−8
SO−14
SO−20L
3
1
1
RADJ
Reset Threshold Adjust; if not used to connect to GND.
4
2
2
D
Reset Delay; To Set Time Delay, Connect to GND with Capacitor
5
3, 4, 5, 6,
10, 11, 12
4, 5, 6, 7, 14,
15, 16, 17
GND
Ground
3, 8, 9, 13, 18
NC
No connection to these pins from the IC.
6
7
10
RO
Reset Output; The Open−Collector Output has a 20 k
W Pullup Resistor to
Q. Leave Open if Not Used.
7
8
11
SO
Sense Output; This Open−Collector Output is Internally Pulled Up by
20 k
W pullup resistor to Q. If not used, keep open.
8
9
12
Q
5 V Output; Connect to GND with a 10
mF Capacitor, ESR < 10 W.
1
13
19
I
Input; Connect to GND Directly at the IC with a Ceramic Capacitor.
2
14
20
SI
Sense Input; If not used, Connect to Q.


Similar Part No. - NCV4269D1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4269D1 ONSEMI-NCV4269D1 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV4269D1R2 ONSEMI-NCV4269D1R2 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
More results

Similar Description - NCV4269D1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279 ONSEMI-NCV4279_05 Datasheet
114Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279C ONSEMI-NCV4279C Datasheet
123Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269C ONSEMI-NCV4269C Datasheet
156Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
June, 2015 ??Rev. 3
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com