Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25F512N-10SU-2.7 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT25F512N-10SU-2.7
Description  SPI Serial Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F512N-10SU-2.7 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT25F512N-10SU-2.7 Datasheet HTML 1Page - ATMEL Corporation AT25F512N-10SU-2.7 Datasheet HTML 2Page - ATMEL Corporation AT25F512N-10SU-2.7 Datasheet HTML 3Page - ATMEL Corporation AT25F512N-10SU-2.7 Datasheet HTML 4Page - ATMEL Corporation AT25F512N-10SU-2.7 Datasheet HTML 5Page - ATMEL Corporation AT25F512N-10SU-2.7 Datasheet HTML 6Page - ATMEL Corporation AT25F512N-10SU-2.7 Datasheet HTML 7Page - ATMEL Corporation AT25F512N-10SU-2.7 Datasheet HTML 8Page - ATMEL Corporation AT25F512N-10SU-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
AT25F512/1024
1440P–SEEPR–6/04
Notes:
1. The programming time for n bytes will be equal to n x t
BPC.
2. This parameter is characterized at 3.0V, 25
°C and is not 100% tested.
3. One write cycle consists of erasing a sector, followed by programming the same sector.
AC Characteristics
Applicable over recommended operating range from T
AI = -40°C to +85°C, VCC = +2.7V to +3.6V
C
L = 1 TTL Gate and 30 pF (unless otherwise noted).
Symbol
Parameter
Min
Typ
Max
Units
f
SCK
SCK Clock Frequency
0
20
MHz
tRI
Input Rise Time
20
ns
tFI
Input Fall Time
20
ns
t
WH
SCK High Time
20
ns
tWL
SCK Low Time
20
ns
tCS
CS High Time
25
ns
t
CSS
CS Setup Time
25
ns
tCSH
CS Hold Time
25
ns
tSU
Data In Setup Time
5
ns
t
H
Data In Hold Time
5
ns
tHD
Hold Setup Time
15
ns
tCD
Hold Time
15
ns
t
V
Output Valid
20
ns
tHO
Output Hold Time
0
ns
tLZ
Hold to Output Low Z
200
ns
t
HZ
Hold to Output High Z
200
ns
tDIS
Output Disable Time
100
ns
t
EC
Erase Cycle Time per Sector
1.1
s
t
BPC
Byte Program Cycle Time(1)
60
100
µs
tSR
Status Register Write Cycle Time
60
ms
Endurance(2)
10K
Write Cycles(3)


Similar Part No. - AT25F512N-10SU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F512N-10SI-2.7 ATMEL-AT25F512N-10SI-2.7 Datasheet
151Kb / 17P
   SPI Serial Memory
More results

Similar Description - AT25F512N-10SU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F512 ATMEL-AT25F512 Datasheet
151Kb / 17P
   SPI Serial Memory
AT25F1024A ATMEL-AT25F1024A Datasheet
299Kb / 18P
   SPI Serial Memory
AT25F4096 ATMEL-AT25F4096 Datasheet
341Kb / 17P
   SPI SERIAL MEMORY 4M
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
   Minimum SPI Serial Flash Memory
AT25DF161 ETC2-AT25DF161_13 Datasheet
3Mb / 52P
   Minimum SPI Serial Flash Memory
AT25DF081 ETC2-AT25DF081_13 Datasheet
967Kb / 38P
   Minimum SPI Serial Flash Memory
AT26DF081A ETC2-AT26DF081A_13 Datasheet
763Kb / 40P
   Minimum SPI Serial Flash Memory
logo
ATMEL Corporation
AT25F4096 ATMEL-AT25F4096_06 Datasheet
354Kb / 19P
   4Mbit High Speed SPI Serial Flash Memory
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
   512Kbit High Speed SPI Serial Flash Memory
AT25F2048 ATMEL-AT25F2048 Datasheet
257Kb / 17P
   SPI Serial Memory 2M (262,144 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com