Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV28-100 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BYV28-100
Description  Ultra fast low-loss controlled avalanche rectifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV28-100 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BYV28-100 Datasheet HTML 5Page - NXP Semiconductors BYV28-100 Datasheet HTML 6Page - NXP Semiconductors BYV28-100 Datasheet HTML 7Page - NXP Semiconductors BYV28-100 Datasheet HTML 8Page - NXP Semiconductors BYV28-100 Datasheet HTML 9Page - NXP Semiconductors BYV28-100 Datasheet HTML 10Page - NXP Semiconductors BYV28-100 Datasheet HTML 11Page - NXP Semiconductors BYV28-100 Datasheet HTML 12Page - NXP Semiconductors BYV28-100 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997 Nov 24
9
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYV28 series
BYV28-300 and 400
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.14 Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
02
0
4
2
6
10
8
MGC521
1
I F
(A)
V
(V)
F
BYV28-500 and 600
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.15 Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
02
0
4
2
6
10
8
MGK646
1
IF
(A)
VF (V)
VR =VRRMmax.
Fig.16 Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
MGC550
0
100
200
103
102
10
1
(
µA)
IR
Tj (°C)
BYV28-50 to 200
f = 1 MHz; Tj =25 °C.
Fig.17 Diode capacitance as a function of reverse
voltage; typical values.
handbook, halfpage
1
MGA856
10
102
103
10
103
10 2
V
(V)
R
Cd
(pF)


Similar Part No. - BYV28-100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV28-100 VISHAY-BYV28-100 Datasheet
43Kb / 4P
   Ultra Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYV28-100 VISHAY-BYV28-100 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
logo
General Semiconductor
BYV28-100 GE-BYV28-100 Datasheet
53Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
BYV28-100 VISHAY-BYV28-100 Datasheet
369Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BYV28-100 LUGUANG-BYV28-100 Datasheet
183Kb / 2P
   Super Fast Rectifiers
More results

Similar Description - BYV28-100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV27 PHILIPS-BYV27 Datasheet
110Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYD71 PHILIPS-BYD71 Datasheet
76Kb / 11P
   Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 19
BYG80 PHILIPS-BYG80 Datasheet
104Kb / 20P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 25
logo
EIC discrete Semiconduc...
BYD77AA EIC-BYD77AA Datasheet
113Kb / 3P
   ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
ES1 PHILIPS-ES1 Datasheet
52Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
BYD72 PHILIPS-BYD72 Datasheet
55Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
1998 Dec 03
BYD77 PHILIPS-BYD77 Datasheet
82Kb / 12P
   Ultra fast low-loss controlled avalanche rectifiers
1999 Nov 15
logo
New Jersey Semi-Conduct...
BYD73 NJSEMI-BYD73 Datasheet
105Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
BYV27 NJSEMI-BYV27 Datasheet
201Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
logo
NXP Semiconductors
BYD73 PHILIPS-BYD73 Datasheet
63Kb / 11P
   Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com