Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA161-4PI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATMEGA161-4PI
Description  8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161-4PI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATMEGA161-4PI Datasheet HTML 4Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 5Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 6Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 7Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 8Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 9Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 10Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 11Page - ATMEL Corporation ATMEGA161-4PI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
8
ATmega161(L)
1228D–AVR–02/07
In addition to the register operation, the conventional Memory Addressing modes can be
used on the Register File. This is enabled by the fact that the Register File is assigned
the 32 lowermost Data Space addresses ($00 - $1F), allowing them to be accessed as
though they were ordinary memory locations.
The I/O memory space contains 64 addresses for CPU peripheral functions such as
Control Registers, Timer/Counters, and other I/O functions. The I/O memory can be
accessed directly or as the Data Space locations following those of the Register File,
$20 - $5F.
The AVR uses a Harvard architecture concept – with separate memories and buses for
program and data. The Program memory is executed with a two-stage pipeline. While
one instruction is being executed, the next instruction is pre-fetched from the Program
memory. This concept enables instructions to be executed in every clock cycle. The
Program memory is Self-programmable Flash memory.
With the jump and call instructions, the whole 8K word address space is directly
accessed. Most AVR instructions have a single 16-bit word format. Every Program
memory address contains a 16- or 32-bit instruction.
During interrupts and subroutine calls, the return address Program Counter (PC) is
stored on the Stack. The Stack is effectively allocated in the general data SRAM and,
consequently, the Stack size is only limited by the total SRAM size and the usage of the
SRAM. All user programs must initialize the SP (Stack Pointer) in the reset routine
(before subroutines or interrupts are executed). The 16-bit Stack Pointer is read/write
accessible in the I/O space.
The 1K byte data SRAM can be easily accessed through the five different Addressing
modes supported in the AVR architecture.
The memory spaces in the AVR architecture are all linear and regular memory maps.


Similar Part No. - ATMEGA161-4PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA161-4PI ATMEL-ATMEGA161-4PI Datasheet
2Mb / 134P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA161-4PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com