Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY15L-1SI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATTINY15L-1SI
Description  8-bit Microcontroller with 1K Byte Flash
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY15L-1SI Datasheet(HTML) 4 Page - ATMEL Corporation

  ATTINY15L-1SI Datasheet HTML 1Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 2Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 3Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 4Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 5Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 6Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 7Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 8Page - ATMEL Corporation ATTINY15L-1SI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
4
ATtiny15L
1187H–AVR–09/07
Pin Descriptions
VCC
Supply voltage pin.
GND
Ground pin.
Port B (PB5..PB0)
Port B is a 6-bit I/O port. PB4..0 are I/O pins that can provide internal pull-ups (selected
for each bit). PB5 is input or open-drain output. The use of pin PB5 is defined by a fuse
and the special function associated with this pin is External Reset. The port pins are tri-
stated when a reset condition becomes active, even if the clock is not running.
Port B also accommodates analog I/O pins. The Port B pins with alternate functions are
shown in Table 1.
Analog Pins
Up to four analog inputs can be selected as inputs to Analog-to-Digital Converter (ADC).
Internal Oscillators
The internal Oscillator provides a clock rate of nominally 1.6 MHz for the system clock
(CK). Due to large initial variation (0.8 -1.6 MHz) of the internal Oscillator, a tuning capa-
bility is built in. Through an 8-bit control register – OSCCAL – the system clock rate can
be tuned with less than 1% steps of the nominal clock.
There is an internal PLL that provides a 16x clock rate locked to the system clock (CK)
for the use of the Peripheral Timer/Counter1. The nominal frequency of this peripheral
clock, PCK, is 25.6 MHz.
Table 1. Port B Alternate Functions
Port Pin
Alternate Function
PB0
MOSI (Data Input Line for Memory Downloading)
AREF (ADC Voltage Reference)
AIN0 (Analog Comparator Positive Input)
PB1
MISO (Data Output Line for Memory Downloading)
OC1A (Timer/Counter PWM Output)
AIN1 (Analog Comparator Negative Input)
PB2
SCK (Serial Clock Input for Serial Programming)
INT0 (External Interrupt0 Input)
ADC1 (ADC Input Channel 1)
T0 (Timer/Counter0 External Counter Input)
PB3
ADC2 (ADC Input Channel 2)
PB4
ADC3 (ADC Input Channel 3)
PB5
RESET (External Reset Pin)
ADC0 (ADC Input Channel 0)


Similar Part No. - ATTINY15L-1SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1SI ATMEL-ATTINY15L-1SI Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L-1SI ATMEL-ATTINY15L-1SI Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
More results

Similar Description - ATTINY15L-1SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_14 Datasheet
230Kb / 15P
   Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com