Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2200 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCS2200
Description  Low Voltage Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCS2200 Datasheet HTML 3Page - ON Semiconductor NCS2200 Datasheet HTML 4Page - ON Semiconductor NCS2200 Datasheet HTML 5Page - ON Semiconductor NCS2200 Datasheet HTML 6Page - ON Semiconductor NCS2200 Datasheet HTML 7Page - ON Semiconductor NCS2200 Datasheet HTML 8Page - ON Semiconductor NCS2200 Datasheet HTML 9Page - ON Semiconductor NCS2200 Datasheet HTML 10Page - ON Semiconductor NCS2200 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NCS2200 Series, NCS2200A
http://onsemi.com
7
1000
100
10
1.0
0.1
40
60
20
0
80
100
120
140
160
10
100
1.0
1000
−50
10
50
7.0
25
−25
6.0
FREQUENCY (kHz)
Figure 1. NCS2200 Series Supply Current
versus Temperature
Figure 2. NCS2200 Series Supply Current
versus Output Transition Frequency
0
12
10
8.0
6.0
3.0
2.0
4.0
2.0
0
1.0
4.0
5.0
6.0
Figure 3. NCS2200 Series Supply Current
versus Supply Voltage
VCC, SUPPLY VOLTAGE (V)
Figure 4. NCS2200/1 Output Voltage
High State versus Output Source Current
Isource, OUTPUT SOURCE CURRENT (mA)
Figure 5. NCS2200 Series Output Voltage
Low State versus Output Sink Current
Isink, OUTPUT SINK CURRENT, (mA)
Figure 6. NCS2200 Series Output Voltage
Low State versus Temperature
TA, AMBIENT TEMPERATURE (°C)
12
0.01
0.1
1.0
10
0.01
10
300
−100
50
0
100
−50
150
TA, AMBIENT TEMPERATURE (°C)
8.0
9.0
11
75
100
1000
100
10
1.0
0.1
0.01
0.1
1.0
10
TA = 25°C
TA = −40°C
TA = 85°C
100
0.1
1.0
TA = 25°C
VCC = 5.0 V
VCC = 2.7 V
0
VCC = 5.0 V
VCC = 5.0 V
TA = 25°C
VCC = 5.0 V
TA = 25°C
VCC = 5.0 V
ILOAD = 4.0 mA


Similar Part No. - NCS2200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200 ONSEMI-NCS2200 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
NCS2200A ONSEMI-NCS2200A Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
More results

Similar Description - NCS2200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com