Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV2001 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV2001
Description  0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2001 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV2001 Datasheet HTML 6Page - ON Semiconductor NCV2001 Datasheet HTML 7Page - ON Semiconductor NCV2001 Datasheet HTML 8Page - ON Semiconductor NCV2001 Datasheet HTML 9Page - ON Semiconductor NCV2001 Datasheet HTML 10Page - ON Semiconductor NCV2001 Datasheet HTML 11Page - ON Semiconductor NCV2001 Datasheet HTML 12Page - ON Semiconductor NCV2001 Datasheet HTML 13Page - ON Semiconductor NCV2001 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NCS2001, NCV2001
http://onsemi.com
10
APPLICATION INFORMATION AND OPERATING DESCRIPTION
GENERAL INFORMATION
The NCS2001 is an industry first rail−to−rail input,
rail−to−rail output amplifier that features guaranteed
sub−one voltage operation. This unique feature set is
achieved with the use of a modified analog CMOS process
that allows the implementation of depletion MOSFET
devices. The amplifier has a 1.0 MHz gain bandwidth
product, 2.2 V/
ms slew rate and is operational over a power
supply range less than 0.9 V to as high as 7.0 V.
Inputs
The input topology chosen for this device series is
unconventional when compared to most low voltage
operational amplifiers. It consists of an N−Channel
depletion mode differential transistor pair that drives a
folded cascade stage and current mirror. This configuration
extends the input common mode voltage range to
encompass the VEE and VCC power supply rails, even when
powered from a combined total of less than 0.9 V. Figures 27
and 28 show the input common mode voltage range versus
power supply voltage.
The differential input stage is laser trimmed in order to
minimize offset voltage. The N−Channel depletion mode
MOSFET input stage exhibits an extremely low input bias
current of less than 10 pA. The input bias current versus
temperature is shown in Figure 4. Either one or both inputs
can be biased as low as VEE minus 300 mV to as high as
7.0 V without causing damage to the device. If the input
common mode voltage range is exceeded, the output will not
display a phase reversal. If the maximum input positive or
negative voltage ratings are to be exceeded, a series resistor
must be used to limit the input current to less than 2.0 mA.
The ultra low input bias current of the NCS2001 allows
the use of extremely high value source and feedback resistor
without reducing the amplifier’s gain accuracy. These high
value resistors, in conjunction with the device input and
printed circuit board parasitic capacitances Cin, will add an
additional pole to the single pole amplifier in Figure 30. If
low enough in frequency, this additional pole can reduce the
phase margin and significantly increase the output settling
time. The effects of Cin, can be canceled by placing a zero
into the feedback loop. This is accomplished with the
addition of capacitor Cfb. An approximate value for Cfb can
be calculated by:
Cfb +
Rin
Cin
Rfb
Figure 30. Input Capacitance Pole Cancellation
+
Output
Rfb
Cin
Rin
Cfb
Cin = Input and printed circuit board capacitance
Input
Output
The output stage consists of complementary P and
N−Channel devices connected to provide rail−to−rail output
drive. With a 2.0 k load, the output can swing within 50 mV
of either rail. It is also capable of supplying over 75 mA
when powered from 5.0 V and 1.0 mA when powered from
0.9 V.
When connected as a unity gain follower, the NCS2001 can
directly drive capacitive loads in excess of 820 pF at room
temperature without oscillating but with significantly
reduced phase margin. The unity gain follower configuration
exhibits the highest bandwidth and is most prone to
oscillations when driving a high value capacitive load. The
capacitive load in combination with the amplifier’s output
impedance, creates a phase lag that can result in an
under−damped pulse response or a continuous oscillation.
Figure 32 shows the effect of driving a large capacitive load
in a voltage follower type of setup. When driving capacitive
loads exceeding 820 pF, it is recommended to place a low
value isolation resistor between the output of the op amp and
the load, as shown in Figure 31. The series resistor isolates the
capacitive load from the output and enhances the phase
margin. Refer to Figure 33. Larger values of R will result in
a cleaner output waveform but excessively large values will
degrade the large signal rise and fall time and reduce the
output amplitude. Depending upon the capacitor
characteristics, the isolation resistor value will typically be
between 50 to 500
W. The output drive capability for resistive
and capacitive loads is shown in Figures 2, 3, and 23.
Figure 31. Capacitance Load Isolation
+
Output
R
Isolation resistor R = 50 to 500
CL
Input
Note that the lowest phase margin is observed at cold
temperature and low supply voltage.


Similar Part No. - NCV2001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2001SN2T1G ONSEMI-NCV2001SN2T1G Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
NCV2001SN2T1G ONSEMI-NCV2001SN2T1G Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
NCV2001SQ2T2G ONSEMI-NCV2001SQ2T2G Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
NCV2001SQ2T2G ONSEMI-NCV2001SQ2T2G Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
More results

Similar Description - NCV2001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33502 ONSEMI-MC33502_06 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33501 ONSEMI-MC33501_06 Datasheet
180Kb / 14P
   1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
July, 2006 ??Rev. 10
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
MC33201 ONSEMI-MC33201_06 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
NCS2001 ONSEMI-NCS2001 Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS2001 ONSEMI-NCS2001_17 Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
NCS2001 ONSEMI-NCS2001_13 Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com