Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5504DTRKG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5504DTRKG
Description  250 mA Dual Output Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5504DTRKG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5504DTRKG Datasheet HTML 2Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 3Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 4Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 5Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 6Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 7Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 8Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 9Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NCP5504, NCV5504
http://onsemi.com
10
PACKAGE DIMENSIONS
D
A
K
B
R
V
S
F
L
G
5 PL
M
0.13 (0.005)
T
E
C
U
J
H
−T− SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.020
0.028
0.51
0.71
E
0.018
0.023
0.46
0.58
F
0.024
0.032
0.61
0.81
G
0.180 BSC
4.56 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.045 BSC
1.14 BSC
R
0.170
0.190
4.32
4.83
S
0.025
0.040
0.63
1.01
U
0.020
−−−
0.51
−−−
V
0.035
0.050
0.89
1.27
Z
0.155
0.170
3.93
4.32
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
R1
0.185
0.210
4.70
5.33
R1
1 234 5
DPAK 5, CENTER LEAD CROP
CASE 175AA−01
ISSUE A
6.4
0.252
0.8
0.031
10.6
0.417
5.8
0.228
SCALE 4:1
mm
inches
0.34
0.013
5.36
0.217
2.2
0.086
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NCP5504/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP5504DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
More results

Similar Description - NCP5504DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com