Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5662 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP5662
Description  Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5662 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5662_07 Datasheet HTML 1Page - ON Semiconductor NCP5662_07 Datasheet HTML 2Page - ON Semiconductor NCP5662_07 Datasheet HTML 3Page - ON Semiconductor NCP5662_07 Datasheet HTML 4Page - ON Semiconductor NCP5662_07 Datasheet HTML 5Page - ON Semiconductor NCP5662_07 Datasheet HTML 6Page - ON Semiconductor NCP5662_07 Datasheet HTML 7Page - ON Semiconductor NCP5662_07 Datasheet HTML 8Page - ON Semiconductor NCP5662_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP5662, NCV5662
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin
Adj/Fixed
D2PAK
Pin
Adj/Fixed
DFN8
Pin Name
Description
1
4
Enable
This pin allows for on/off control of the regulator. To disable the device, connect to
Ground. If this function is not in use, connect to Vin.
2
6
Vin
Positive Power Supply Input Voltage
3, TAB
1, 2, 3, EP
Ground
Power Supply Ground
4
7
Vout
Regulated Output Voltage
5
8
Adj
(Adjustable Version)
This pin is connected to the resistor divider network and programs the output voltage.
5
8
Error Flag
(Fixed Version)
An Error Flag is triggered when the output voltage is out of regulation excluding tran-
sient signals that may occur. Requires a pullup resistor
f 100 kW.
5
N/C
No connection. True no connect. PCB runs allowable
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
18
V
Output Pin Voltage
Vout
−0.3 to Vin +0.3
V
Adjust Pin Voltage
Vadj
−0.3 to Vin +0.3
V
Enable Pin Voltage
Ven
−0.3 to Vin +0.3
V
Error Flag Voltage
Vef
−0.3 to Vin +0.3
V
Error Flag Current
Ief
3.0
mA
Thermal Characteristics, D2PAK (Note 1)
Thermal Resistance Junction−to−Ambient
Thermal Resistance Junction−to−Case
RqJA
RqJC
45
5.0
°C/W
Thermal Characteristics, DFN8 (Note 1)
Thermal Resistance Junction−to−Ambient
Thermal Resistance Junction−to−Lead (Note 2)
RqJA
RqJC
78
14
°C/W
Operating Junction Temperature Range
TJ
−40 to +150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE:
This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM) JESD 22−A114−B
Machine Model (MM) JESD 22−A115−A.
The maximum package power dissipation is:
P
D +
T
J(max) *
T
A
RqJA
The bipolar process employed for this IC is fully characterized and rated for reliable 18 V VCCmax operation. To avoid damaging
the part or degrading it’s reliability, power dissipation transients should be limited to under 30 W for D2PAK.
For open−circuit to short−circuit transient,
PDTransient = VCCmax * ISC.
1. 1 oz copper, 1 in2 copper area.
2. Lead 6.


Similar Part No. - NCP5662_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5662DS12R4G ONSEMI-NCP5662DS12R4G Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5662DS15R4G ONSEMI-NCP5662DS15R4G Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5662DS18R4G ONSEMI-NCP5662DS18R4G Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5662DS25R4G ONSEMI-NCP5662DS25R4G Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5662DS28R4G ONSEMI-NCP5662DS28R4G Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
More results

Similar Description - NCP5662_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
RT9048 RICHTEK-RT9048 Datasheet
240Kb / 10P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com