Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5426 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5426
Description  LDO Regulator/Vibration Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5426 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5426 Datasheet HTML 1Page - ON Semiconductor NCP5426 Datasheet HTML 2Page - ON Semiconductor NCP5426 Datasheet HTML 3Page - ON Semiconductor NCP5426 Datasheet HTML 4Page - ON Semiconductor NCP5426 Datasheet HTML 5Page - ON Semiconductor NCP5426 Datasheet HTML 6Page - ON Semiconductor NCP5426 Datasheet HTML 7Page - ON Semiconductor NCP5426 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCP5426
http://onsemi.com
4
7.00
6.50
6.25
6.75
6.00
3.75
3.00
TEMPERATURE (
°C)
Figure 8. Enable Current vs. Temperature
Figure 9. Enable Current vs. Temperature
TEMPERATURE (
°C)
4.00
3.50
3.25
−50
50
0
100
50
0
−50
Vin = 3.5 V
Ve = 1.6 V
Iout = 30 mA
Vin = 3.5 V
Ve = 2.5 V
Iout = 30 mA
−25
75
125
100
−25
75
125
3
0.70
12
0.40
9
6
0
Figure 10. Line Regulation
0.90
Vin (V)
0.50
0.60
0.80
0.30
0.20
0.10
Vout = 1.3 V
Iout = 30 mA
Cout = 1 mF
Figure 11. Resistive Transient Response for
Switching the Enable Pin, Rout − 13 Ohms
Figure 12. Transient Response for Switching
the Enable Pin, Vibration Motor Load
Cin = Cout = 4.7 mF
Cin = Cout = 4.7 mF
Vin = 3.5 V
Vout = 1.3 V
100 ms/div
1.3 V
0
Vout
50 mA
0 mA
Iout
Vin = 3.5 V
Vout = 1.3 V
50
ms/div
1.3 V
0
Vout
100 mA
0
Iout


Similar Part No. - NCP5426

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5426 ONSEMI-NCP5426 Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
NCP5426 ONSEMI-NCP5426 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5426SN13T1 ONSEMI-NCP5426SN13T1 Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
NCP5426SN13T2 ONSEMI-NCP5426SN13T2 Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
NCP5426SN13T2G ONSEMI-NCP5426SN13T2G Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
More results

Similar Description - NCP5426

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5426 ONSEMI-NCP5426 Datasheet
69Kb / 8P
   LDO Regulator/Vibration Motor Driver
June, 2004 ??Rev. 4
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Vybronics Inc
VL91022-160-320H VYBRONICS-VL91022-160-320H Datasheet
1Mb / 10P
   LINEAR VIBRATION MOTOR
2020.12.01
VLV041235L VYBRONICS-VLV041235L Datasheet
1Mb / 11P
   LINEAR VIBRATION MOTOR
2023.02.16
VLV152564W VYBRONICS-VLV152564W Datasheet
1Mb / 9P
   LINEAR VIBRATION MOTOR
2022.12.02
VL120628H VYBRONICS-VL120628H Datasheet
1Mb / 10P
   LINEAR VIBRATION MOTOR
2020.12.01
VLV200634A VYBRONICS-VLV200634A Datasheet
1Mb / 12P
   Linear Vibration Motor
2022.06.24
logo
Princeton Technology Co...
PT5141 PTC-PT5141 Datasheet
211Kb / 4P
   1CH DC Motor Driver with LDO
PT5142 PTC-PT5142 Datasheet
266Kb / 4P
   1CH H-Bridge Motor Driver with LDO
logo
Sanyo Semicon Device
LA5540 SANYO-LA5540 Datasheet
56Kb / 3P
   Motor Driver with Regulator, Brake
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com