Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV28 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYV28
Description  Ultra fast low-loss controlled avalanche rectifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV28 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYV28 Datasheet HTML 1Page - NXP Semiconductors BYV28 Datasheet HTML 2Page - NXP Semiconductors BYV28 Datasheet HTML 3Page - NXP Semiconductors BYV28 Datasheet HTML 4Page - NXP Semiconductors BYV28 Datasheet HTML 5Page - NXP Semiconductors BYV28 Datasheet HTML 6Page - NXP Semiconductors BYV28 Datasheet HTML 7Page - NXP Semiconductors BYV28 Datasheet HTML 8Page - NXP Semiconductors BYV28 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1997 Nov 24
3
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYV28 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
IFRM
repetitive peak forward current
Ttp =85 °C; see Figs 6 and 7
BYV28-50 to 400
32
A
BYV28-500 and 600
31
A
IFRM
repetitive peak forward current
Tamb =60 °C; see Figs 8 and 9
BYV28-50 to 400
17
A
BYV28-500 and 600
16
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave;
Tj =Tj max prior to surge;
VR =VRRMmax
90
A
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =Tj max prior to
surge; inductive load switched off
20
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig.12
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 3.5 A; Tj =Tj max;
see Figs 13, 14 and 15
BYV28-50 to 200
−−
0.80
V
BYV28-300 and 400
−−
0.83
V
BYV28-500 and 600
−−
0.98
V
VF
forward voltage
IF = 3.5 A;
see Figs 13, 14 and 15
BYV28-50 to 200
−−
1.02
V
BYV28-300 and 400
−−
1.05
V
BYV28-500 and 600
−−
1.25
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 0.1 mA
BYV28-50
55
−−
V
BYV28-100
110
−−
V
BYV28-150
165
−−
V
BYV28-200
220
−−
V
BYV28-300
330
−−
V
BYV28-400
440
−−
V
BYV28-500
560
−−
V
BYV28-600
675
−−
V
IR
reverse current
VR =VRRMmax; see Fig.16
−−
5
µA
VR =VRRMmax; Tj = 165 °C;
see Fig.16
−−
150
µA
trr
reverse recovery time
when switched from
IF =0.5AtoIR =1A;
measured at IR = 0.25 A;
see Fig.22
BYV28-50 to 200
−−
25
ns
BYV28-300 to 600
−−
50
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT


Similar Part No. - BYV28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV28 VISHAY-BYV28 Datasheet
43Kb / 4P
   Ultra Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Diodes Incorporated
BYV28 DIODES-BYV28 Datasheet
75Kb / 2P
   3.0A SUPER-FAST GLASS BODY RECTIFIER
DS30033 Rev. A
logo
EIC discrete Semiconduc...
BYV28 EIC-BYV28 Datasheet
74Kb / 2P
   EPITAXIAL AVALANCHE DIODES
Rev. 03 : July 8, 2005
logo
New Jersey Semi-Conduct...
BYV28-100 NJSEMI-BYV28-100 Datasheet
81Kb / 1P
   High Efficiency, 3.5A
logo
Vishay Siliconix
BYV28-100 VISHAY-BYV28-100 Datasheet
125Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.9. 21-Feb-18
More results

Similar Description - BYV28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV27 PHILIPS-BYV27 Datasheet
110Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYD71 PHILIPS-BYD71 Datasheet
76Kb / 11P
   Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 19
BYG80 PHILIPS-BYG80 Datasheet
104Kb / 20P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 25
logo
EIC discrete Semiconduc...
BYD77AA EIC-BYD77AA Datasheet
113Kb / 3P
   ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
ES1 PHILIPS-ES1 Datasheet
52Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
BYD72 PHILIPS-BYD72 Datasheet
55Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
1998 Dec 03
BYD77 PHILIPS-BYD77 Datasheet
82Kb / 12P
   Ultra fast low-loss controlled avalanche rectifiers
1999 Nov 15
logo
New Jersey Semi-Conduct...
BYD73 NJSEMI-BYD73 Datasheet
105Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
BYV27 NJSEMI-BYV27 Datasheet
201Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
logo
NXP Semiconductors
BYD73 PHILIPS-BYD73 Datasheet
63Kb / 11P
   Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com