Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C512 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C512
Description  Two-wire Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C512 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C512_07 Datasheet HTML 5Page - ATMEL Corporation AT24C512_07 Datasheet HTML 6Page - ATMEL Corporation AT24C512_07 Datasheet HTML 7Page - ATMEL Corporation AT24C512_07 Datasheet HTML 8Page - ATMEL Corporation AT24C512_07 Datasheet HTML 9Page - ATMEL Corporation AT24C512_07 Datasheet HTML 10Page - ATMEL Corporation AT24C512_07 Datasheet HTML 11Page - ATMEL Corporation AT24C512_07 Datasheet HTML 12Page - ATMEL Corporation AT24C512_07 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
AT24C512
1116O–SEEPR–1/07
Device Addressing
The 512K EEPROM requires an 8-bit device address word following a start condition to
enable the chip for a read or write operation (see Figure 7 on page 10). The device
address word consists of a mandatory “1”, “0” sequence for the first five most significant
bits as shown. This is common to all two-wire EEPROM devices.
The 512K uses the two device address bits A1, A0 to allow as many as four devices on
the same bus. These bits must compare to their corresponding hardwired input pins.
The A1 and A0 pins use an internal proprietary circuit that biases them to a logic low
condition if the pins are allowed to float.
The eighth bit of the device address is the read/write operation select bit. A read opera-
tion is initiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a “0”. If a compare is
not made, the device will return to a standby state.
DATA SECURITY: The AT24C512 has a hardware data protection scheme that allows
the user to Write Protect the whole memory when the WP pin is at VCC.
Write Operations
BYTE WRITE: A write operation requires two 8-bit data word addresses following the
device address word and acknowledgment. Upon receipt of this address, the EEPROM
will again respond with a “0” and then clock in the first 8-bit data word. Following receipt
of the 8-bit data word, the EEPROM will output a “0”. The addressing device, such as a
microcontroller, then must terminate the write sequence with a stop condition. At this
time the EEPROM enters an internally-timed write cycle, tWR, to the nonvolatile memory.
All inputs are disabled during this write cycle and the EEPROM will not respond until the
write is complete (see Figure 8 on page 11).
PAGE WRITE: The 512K EEPROM is capable of 128-byte page writes.
A page write is initiated the same way as a byte write, but the microcontroller does not
send a stop condition after the first data word is clocked in. Instead, after the EEPROM
acknowledges receipt of the first data word, the microcontroller can transmit up to 127
more data words. The EEPROM will respond with a “0” after each data word received.
The microcontroller must terminate the page write sequence with a stop condition (see
Figure 9 on page 11).
The data word address lower 7 bits are internally incremented following the receipt of
each data word. The higher data word address bits are not incremented, retaining the
memory page row location. When the word address, internally generated, reaches the
page boundary, the following byte is placed at the beginning of the same page. If more
than 128 data words are transmitted to the EEPROM, the data word address will “roll
over” and previous data will be overwritten. The address roll over during write is from the
last byte of the current page to the first byte of the same page.
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves send-
ing a start condition followed by the device address word. The Read/Write bit is
representative of the operation desired. Only if the internal write cycle has completed
will the EEPROM respond with a “0”, allowing the read or write sequence to continue.


Similar Part No. - AT24C512_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C512-10PC ATMEL-AT24C512-10PC Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C512-10PC-1.8 ATMEL-AT24C512-10PC-1.8 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C512-10PC-2.7 ATMEL-AT24C512-10PC-2.7 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C512-10PI ATMEL-AT24C512-10PI Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C512-10PI-1.8 ATMEL-AT24C512-10PI-1.8 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
More results

Similar Description - AT24C512_07

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com