Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25P1024C1-10CI-2.7 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25P1024C1-10CI-2.7
Description  SPI Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25P1024C1-10CI-2.7 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25P1024C1-10CI-2.7 Datasheet HTML 1Page - ATMEL Corporation AT25P1024C1-10CI-2.7 Datasheet HTML 2Page - ATMEL Corporation AT25P1024C1-10CI-2.7 Datasheet HTML 3Page - ATMEL Corporation AT25P1024C1-10CI-2.7 Datasheet HTML 4Page - ATMEL Corporation AT25P1024C1-10CI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT25P1024C1-10CI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT25P1024C1-10CI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT25P1024C1-10CI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT25P1024C1-10CI-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Features
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 (0,0) and 3 (1,1)
2.1 MHz Clock Rate
128-byte Page Mode Only for Write Operations
Low-voltage and Standard-voltage Operation
– 2.7 (VCC = 2.7V to 5.5V)
Block Write Protection
– Protect 1/4, 1/2, or Entire Array
Write Protect (WP) Pin and Write Disable Instructions for
Both Hardware and Software Data Protection
Self-Timed Write Cycle (5 ms Typical)
High Reliability
– Endurance: 100,000 Write Cycles
– Data Retention: >40 Years
20-lead JEDEC SOIC and 8-lead Leadless Array Package
Description
The AT25P1024 provides 1,048,576 bits of serial electrically erasable programmable
read only memory (EEPROM) organized as 131,072 words of 8 bits each. The device
is optimized for use in many industrial and commercial applications where low power
and low voltage operation are essential. The AT25P1024 is available in space saving
20-lead JEDEC SOIC and 8-lead LAP packages.
The AT25P1024 is enabled through the Chip Select pin (CS) and accessed via a 3-
wire interface consisting of Serial Data Input (SI), Serial Data Output (SO), and Serial
Clock (SCK). All programming cycles are completely self-timed, and no separate
erase cycle is required before write.
Table 1. Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power Supply
WP
Write Protect
HOLD
Suspends Serial Input
NC
No Connect
1082I–SEEPR–7/06
SPI Serial
EEPROMs
1M (131,072 x 8)
AT25P1024
Note:
Not Recommended for new
design;
Please
refer
to
AT25FS010 datasheet.
20-lead SOIC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CS
SO
NC
NC
NC
NC
NC
NC
WP
GND
VCC
HOLD
NC
NC
NC
NC
NC
NC
SCK
SI
8-lead Leadless Array
Bottom View
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
CS
SO
WP
GND


Similar Part No. - AT25P1024C1-10CI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25P1024C1-10CI-2.7 ATMEL-AT25P1024C1-10CI-2.7 Datasheet
129Kb / 13P
   SPI Serial EEPROMs
More results

Similar Description - AT25P1024C1-10CI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com