Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5314FTR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5314FTR2G
Description  Two/Three/Four?뭁hase Buck CPU Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5314FTR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5314FTR2G Datasheet HTML 3Page - ON Semiconductor NCP5314FTR2G Datasheet HTML 4Page - ON Semiconductor NCP5314FTR2G Datasheet HTML 5Page - ON Semiconductor NCP5314FTR2G Datasheet HTML 6Page - ON Semiconductor NCP5314FTR2G Datasheet HTML 7Page - ON Semiconductor NCP5314FTR2G Datasheet HTML 8Page - ON Semiconductor NCP5314FTR2G Datasheet HTML 9Page - ON Semiconductor NCP5314FTR2G Datasheet HTML 10Page - ON Semiconductor NCP5314FTR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
NCP5314
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; VCC = 12 V; CGATEx = 100 pF, CCOMP = 0.01 μF,
CSS = 0.1 μF, CVCC = 0.1 μF, RROSC = 32.4 kΩ, V(ILIM) = 1.0 V, DAC Code 010100; unless otherwise noted)
Characteristic
Unit
Max
Typ
Min
Test Conditions
GATES
High Voltage
Measure GATEx, IGATEx = 1.0 mA
2.70
V
Low Voltage
Measure GATEx, IGATEx = 1.0 mA
0.5
0.7
V
Rise Time GATE
0.8 V < GATEx < 2.0 V, VCC = 10 V
5.0
10
ns
Fall Time GATE
2.0 V > GATEx > 0.8 V, VCC = 10 V
5.0
10
ns
Oscillator
Switching Frequency
ROSC = 32.4 k, 3 Phase (Note 2)
ROSC = 32.4 k, 4 Phase (Note 2)
−15%
−15%
880
660
+15%
+15%
kHz
ROSC Voltage
0.95
1.02
1.05
V
Phase Delay, 3 Phases
VCC = CS4P = CS4N
120
deg
Phase Delay, 4 Phases
90
deg
Phase Disable Threshold
VCC − (CS4P = CS4N)
500
mV
Adaptive Voltage Positioning
VDRP Output Voltage to DACOUT Offset
CSxP = CSxN, VFB = COMP,
Measure VDRP − COMP
−15
15
mV
Current Sense Amplifier to VDRP Gain
CSxP − CSxN = 80 mV, VFB = COMP,
Measure VDRP − COMP
2.25
2.54
2.75
V/V
VDRP Source Current
1.0
7.0
14
mA
VDRP Sink Current
0.2
0.4
0.6
mA
Soft−Start
Charge Current
30
44
50
μA
Discharge Current
90
120
150
μA
COMP Pull−Down Current
0.2
0.9
2.1
mA
Current Sensing and Overcurrent Protection
CSxP Input Bias Current
CSxN = CSxP = 0 V
0.1
1.0
μA
CSxN Input Bias Current
CSxN = CSxP = 0 V
0.1
1.0
μA
Current Sense Amp to PWM Gain
CSxN = 0 V, CSxP = 80 mV, Measure
V(COMP) when GATEx switches high
3.1
V/V
Current Sense Amp to PWM Bandwidth
(Note 2)
7.0
MHz
Current Sense Amp to ILIM Gain
IO/(CSxP − CSxN), ILIM = 0.6 V,
GATEx not switching
2.85
3.30
3.65
V/V
Current Sense Amp to ILIM Bandwidth
(Note 2)
1.0
MHz
Current Limit Filter Slew Rate
(Note 2)
2.0
5.0
13
mV/
ms
ILIM Input Bias Current
ILIM = 0 V
0.1
1.0
μA
Pulse−by−Pulse Current Limit Threshold
Voltage
V(CSxP) − V(CSxN)
80
90
110
mV
Current Sense Common Mode Input
Range
(Note 2)
0
2.0
V
General Electrical Specifications
VCC Operating Current
COMP = 0.3 V (no switching)
27
35
mA
UVLO Start Threshold
SS charging, GATEx switching
8.5
9.0
9.5
V
UVLO Stop Threshold
GATEx not switching, SS & COMP
discharging
7.5
8.0
8.5
V
UVLO Hysteresis
Start − Stop
0.8
1.0
1.2
V
2. Guaranteed by design, not tested in production.


Similar Part No. - NCP5314FTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5314FTR2 ONSEMI-NCP5314FTR2 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
More results

Similar Description - NCP5314FTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
NCP5316 ONSEMI-NCP5316_06 Datasheet
997Kb / 31P
   Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
NCP5316 ONSEMI-NCP5316 Datasheet
355Kb / 32P
   Four/Five/Six-Phase Buck CPU Controller
February, 2004 ??Rev. 9
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
   Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com