Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5208DR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5208DR2
Description  DDR?묲/II Termination Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5208DR2 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5208DR2 Datasheet HTML 1Page - ON Semiconductor NCP5208DR2 Datasheet HTML 2Page - ON Semiconductor NCP5208DR2 Datasheet HTML 3Page - ON Semiconductor NCP5208DR2 Datasheet HTML 4Page - ON Semiconductor NCP5208DR2 Datasheet HTML 5Page - ON Semiconductor NCP5208DR2 Datasheet HTML 6Page - ON Semiconductor NCP5208DR2 Datasheet HTML 7Page - ON Semiconductor NCP5208DR2 Datasheet HTML 8Page - ON Semiconductor NCP5208DR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCP5208
http://onsemi.com
5
TYPICAL OPERATING CHARACTERISTICS
Figure 9. VDDQ Input Impedance vs. Ambient
Temperature
TA, AMBIENT TEMPERATURE (°C)
70
50
40
30
20
010
55
49
43
40
52
46
60
PVIN = AVIN = VDDQ = 2.5 V
IVTT = 0 A
TYPICAL OPERATING WAVEFORMS
Figure 10. VTT Current Source Transient
Figure 11. VTT Current Sink Transient
(PVIN = AVIN = VDDQ = 1.8 V)
(PVIN = AVIN = VDDQ = 1.8 V)
0.4 ms ON, 1.6 ms OFF
0.4 ms ON, 1.6 ms OFF
Upper Trace: VTT Output Waveform, 50 mV/Division, AC Coupled
Lower Trace: Loading Current, IVTT, 500 mA/Division
Upper Trace: VTT Output Waveform, 50 mV/Division, AC Coupled
Lower Trace: Loading Current, IVTT, 500 mA/Division
Figure 12. VTT Current Source Transient
Figure 13. VTT Current Sink Transient
(PVIN = AVIN = VDDQ = 2.5 V)
(PVIN = AVIN = VDDQ = 2.5 V)
Upper Trace: VTT Output Waveform, 50 mV/Division, AC Coupled
Lower Trace: Loading Current, IVTT, 1 A/Division
Upper Trace: VTT Output Waveform, 50 mV/Division, AC Coupled
Lower Trace: Loading Current, IVTT, 1 A/Division
0.4 ms ON, 1.6 ms OFF
0.4 ms ON, 1.6 ms OFF


Similar Part No. - NCP5208DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5208DR2 ONSEMI-NCP5208DR2 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
More results

Similar Description - NCP5208DR2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2997 TI1-LP2997 Datasheet
1Mb / 21P
[Old version datasheet]   DDR-II Termination Regulator
logo
National Semiconductor ...
LP2997 NSC-LP2997 Datasheet
233Kb / 12P
   DDR-II Termination Regulator
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
   DDR I/II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com