Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5218 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP5218
Description  2?뭝n?? Notebook DDR Power Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5218 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5218 Datasheet HTML 1Page - ON Semiconductor NCP5218 Datasheet HTML 2Page - ON Semiconductor NCP5218 Datasheet HTML 3Page - ON Semiconductor NCP5218 Datasheet HTML 4Page - ON Semiconductor NCP5218 Datasheet HTML 5Page - ON Semiconductor NCP5218 Datasheet HTML 6Page - ON Semiconductor NCP5218 Datasheet HTML 7Page - ON Semiconductor NCP5218 Datasheet HTML 8Page - ON Semiconductor NCP5218 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
NCP5218
http://onsemi.com
2
VDDQEN
VDDQEN
VTTEN
VTTEN
FPWM
FPWM
SS
CSS
PGOOD
5VCC
VTT
VTT
COUT2
Ceramic
10 mF x2
0.9 V, 1.5 A
VTT
VTT
VTT
FBVTT
VTTGND
VCCA
5VCC
DDQREF
AGND
RL1
OCDDQ
BOOST
VCCP
TGDDQ
M1
SWDDQ
M2
PGND1
COMP
FBDDQ
CZ1
RZ1
CP1
CZ2
RZ2
R1
R2
VTTI
BGDDQ
VDDQ
1.8 V, 10 A
L
1.8 mH
VIN
4.5 V to 24 V
(Battery/
Adapter)
5VCC
NCP5218
Figure 1. Typical Application Diagram
PWRGD
COUT1
POSCAP
150 mF x2
VTTREF
VREF
0.9 V, 15 mA


Similar Part No. - NCP5218

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
NCP5210MNR2 ONSEMI-NCP5210MNR2 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
NCP5210MNR2G ONSEMI-NCP5210MNR2G Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
NCP5210MNR2G ONSEMI-NCP5210MNR2G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NCP5211 ONSEMI-NCP5211 Datasheet
124Kb / 13P
   Low Voltage Synchronous Buck Controller
April, 2006 ??Rev. 0
More results

Similar Description - NCP5218

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5214A ONSEMI-NCP5214A Datasheet
363Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
May, 2006 ??Rev. 0
NCP5214 ONSEMI-NCP5214 Datasheet
89Kb / 14P
   2-in-1 Notebook DDR Power Controller
April, 2005 ??Rev. P0
NCP5203 ONSEMI-NCP5203 Datasheet
69Kb / 10P
   2-in-1 DDR Power Controller
January, 2005 ??Rev. 1
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
   DDR Memory Power Supply Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com