Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5201 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP5201
Description  Dual Output DDR Power Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5201 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5201 Datasheet HTML 1Page - ON Semiconductor NCP5201 Datasheet HTML 2Page - ON Semiconductor NCP5201 Datasheet HTML 3Page - ON Semiconductor NCP5201 Datasheet HTML 4Page - ON Semiconductor NCP5201 Datasheet HTML 5Page - ON Semiconductor NCP5201 Datasheet HTML 6Page - ON Semiconductor NCP5201 Datasheet HTML 7Page - ON Semiconductor NCP5201 Datasheet HTML 8Page - ON Semiconductor NCP5201 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCP5201
http://onsemi.com
2
5 VSTBY
VSTBY
PWRGD
SDDQ
BGDDQ
S3_EN
VDDQ
FBDDQ
4
11
8
1
17
18
12
7
C4
1.0
mF
COMP
SS
C12
10 nF
C13
22 nF
5 V
AGND
OCDDQ
VTT
FBVTT
PGND
VTT
AGND
R10
1.1 k
C11
6.8 nF
R12
20 k
C17
0.1
mF
RL1
62 k
C10
100 nF
R6
16
W
R7
1.15 k
R2
10 k
R3
10 k
S3
16
C5
1.0
mF
VCC
10
15
13
14
5
6
2
3
12 V
TGDDQ
C2
1.0
mF
C1
1000
mF
L1 1.0
mH
R8 4.7
W
R1 4.7
W
R5 4.7
W
L2 2.2
mH
++
AGND
C14
1000
mF
C15
470
mF
C15
1.0
mF
VTT
VDDQ
+
COUT
(1000
mF x3)
NTD60N02R
NTD60N02R
NTD60N02R
S
D
D
S
Figure 1. Application Diagram
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage (Pin 4) to PGND (Pin 3) and GND (Pin 12)
VSTBY
−0.3, 6.0
V
Power Supply Voltage, VCC (Pin 16) to PGND (Pin 3) and GND (Pin 12)
VCC
−0.3, 14
V
Gate Drive Voltage (Pins 14, 15)
Vg
−0.3 DC,
−4.0 for < 1.0
ms; 14
V
Input/Output Pins (Pins 1, 2, 5−11, 13, 17−18)
VIO
−0.3, 6.0
V
Package Thermal Resistance, Junction−to−Ambient
RqJA
35
°C/W
Operating Junction Temperature Range
TJ
0 to +150
°C
Operating Ambient Temperature Range
TA
0 to +70
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Moisture Sensitivity Level
MSL
2
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM)
≤ 2.0 kV per JEDEC Standard JESD22−A114 except Pin 15 which is ≤ 1.5 kV.
Machine Model (MM)
≤ 200 V per JEDEC Standard JESD22−A115 except Pin 14 which is ≤ 100 V.
2. Latchup Current Maximum Rating:
≤ 150 mA per JEDEC Standard JESD78.


Similar Part No. - NCP5201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201MN ONSEMI-NCP5201MN Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201MNR2 ONSEMI-NCP5201MNR2 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
More results

Similar Description - NCP5201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
logo
Fairchild Semiconductor
FAN5026 FAIRCHILD-FAN5026_11 Datasheet
758Kb / 17P
   Dual DDR / Dual-Output PWM Controller
FAN5026 FAIRCHILD-FAN5026 Datasheet
174Kb / 17P
   Dual DDR/Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
   Dual-Output Power-Supply Controller
Rev. J, 26-Apr-04
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
SC1486A SEMTECH-SC1486A Datasheet
629Kb / 29P
   Dual Synchronous Buck DDR and DDR2 Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com