Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45D161 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT45D161
Description  16-megabit 5-volt Only Serial DataFlasH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45D161 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT45D161 Datasheet HTML 3Page - ATMEL Corporation AT45D161 Datasheet HTML 4Page - ATMEL Corporation AT45D161 Datasheet HTML 5Page - ATMEL Corporation AT45D161 Datasheet HTML 6Page - ATMEL Corporation AT45D161 Datasheet HTML 7Page - ATMEL Corporation AT45D161 Datasheet HTML 8Page - ATMEL Corporation AT45D161 Datasheet HTML 9Page - ATMEL Corporation AT45D161 Datasheet HTML 10Page - ATMEL Corporation AT45D161 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AT45D161
7
Notes:
1. After power is applied and VCC is at the minimum specified datasheet value, the system should wait 20 ms before an opera-
tional mode is started.
Absolute Maximum Ratings*
Temperature under Bias ................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
DC and AC Operating Range
AT45D161
Operating Temperature
(Case)
Com.
0
°C to 70°C
Ind.
-40
°C to 85°C
V
CC Power Supply
(1)
4.5V to 5.5V


Similar Part No. - AT45D161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D161-JC ATMEL-AT45D161-JC Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D161-JI ATMEL-AT45D161-JI Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D161-RC ATMEL-AT45D161-RC Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D161-RI ATMEL-AT45D161-RI Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
More results

Similar Description - AT45D161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
   8-megabit 5-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161 Datasheet
224Kb / 20P
   16-Megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
   16-megabit 2.7-volt Only Serial DataFlash
AT45D081 ATMEL-AT45D081 Datasheet
115Kb / 16P
   8-Megabit 5-volt Only Serial DataFlash
AT45D041 ATMEL-AT45D041 Datasheet
116Kb / 16P
   4-Megabit 5-volt Only Serial DataFlash
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com