Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45D161 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45D161
Description  16-megabit 5-volt Only Serial DataFlasH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45D161 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45D161_01 Datasheet HTML 1Page - ATMEL Corporation AT45D161_01 Datasheet HTML 2Page - ATMEL Corporation AT45D161_01 Datasheet HTML 3Page - ATMEL Corporation AT45D161_01 Datasheet HTML 4Page - ATMEL Corporation AT45D161_01 Datasheet HTML 5Page - ATMEL Corporation AT45D161_01 Datasheet HTML 6Page - ATMEL Corporation AT45D161_01 Datasheet HTML 7Page - ATMEL Corporation AT45D161_01 Datasheet HTML 8Page - ATMEL Corporation AT45D161_01 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AT45D161
2
data buffers of 528 bytes each. The buffers allow receiving
of data while a page in the main memory is being repro-
grammed. Unlike conventional Flash memories that are
accessed randomly with multiple address lines and a paral-
lel interface, the DataFlash uses a serial interface to
sequentially access its data. The simple serial interface
facilitates hardware layout, increases system reliability,
minimizes switching noise, and reduces package size and
active pin count. The device is optimized for use in many
commercial and industrial applications where high density,
low pin count, low voltage, and low power are essential.
Typical applications for the DataFlash are digital voice stor-
age, image storage, and data storage. The device operates
at clock frequencies up to 15 MHz with a typical active read
current consumption of 15 mA.
To allow for simple in-system reprogrammability, the
AT45D161 does not require high input voltages for pro-
gramming. The device operates from a single power
supply, 4.5V to 5.5V, for both the program and read opera-
tions. The AT45D161 is enabled through the chip select pin
(CS) and accessed via a three-wire interface consisting of
the Serial Input (SI), Serial Output (SO), and the Serial
Clock (SCK).
All programming cycles are self-timed, and no separate
erase cycle is required before programming.
Block Diagram
Memory Array
To provide optimal flexibility, the memory array of the
AT45D161 is divided into three levels of granularity com-
prising of sectors, blocks, and pages. The Memory
Architecture Diagram illustrates the breakdown of each
level and details the number of pages per sector and block.
All program operations to the DataFlash occur on a page
by page basis; however, the optional erase operations can
be performed at the block or page level.
FLASH MEMORY ARRAY
PAGE (528 BYTES)
BUFFER 2 (528 BYTES)
BUFFER 1 (528 BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI


Similar Part No. - AT45D161_01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D161-JC ATMEL-AT45D161-JC Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D161-JI ATMEL-AT45D161-JI Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D161-RC ATMEL-AT45D161-RC Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D161-RI ATMEL-AT45D161-RI Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D161-TC ATMEL-AT45D161-TC Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
More results

Similar Description - AT45D161_01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
   8-megabit 5-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161 Datasheet
224Kb / 20P
   16-Megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
   16-megabit 2.7-volt Only Serial DataFlash
AT45D081 ATMEL-AT45D081 Datasheet
115Kb / 16P
   8-Megabit 5-volt Only Serial DataFlash
AT45D041 ATMEL-AT45D041 Datasheet
116Kb / 16P
   4-Megabit 5-volt Only Serial DataFlash
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com