Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5009 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5009
Description  Backlight LED Boost Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5009 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5009 Datasheet HTML 3Page - ON Semiconductor NCP5009 Datasheet HTML 4Page - ON Semiconductor NCP5009 Datasheet HTML 5Page - ON Semiconductor NCP5009 Datasheet HTML 6Page - ON Semiconductor NCP5009 Datasheet HTML 7Page - ON Semiconductor NCP5009 Datasheet HTML 8Page - ON Semiconductor NCP5009 Datasheet HTML 9Page - ON Semiconductor NCP5009 Datasheet HTML 10Page - ON Semiconductor NCP5009 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NCP5008, NCP5009
http://onsemi.com
7
Figure 9. Load Current (Iled) vs. Iref
@ Vbat = 3.6 V, Vload = 15 V and 10 V
0
5
10
15
20
25
30
35
40
45
50
0
10
2030
4050
6070
Iref (mA)
Figure 10. Inductor Peak Current Error vs.
Theoretical Inductor Peak Current
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
300
350
400
Figure 11. Inductor Peak Current vs. Iphoto @ Iref = 34 mA
0
20
40
60
80
100
120
140
160
180
200
0
1020
3040
Figure 12. Stand by Current vs. Vbat @ T = 20°C
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
Vload = 10 V
Vload = 15 V
Iphoto (mA)
THEORETICAL Ipeak (mA)
Vbat (V)
6.0
TYPICAL OPERATING CHARACTERISTICS
Condition: Typical Application: L = 22
mH, Cin = 10 mF, Cout = 2.2 mF, R1 = 30 kW
Theoretical
Measured
50
55
60
65
70
75
80
0
5
10
15
20
25
30
35
ILED (mA)
85
Figure 13. Efficiency vs. Load Current @ 4 LEDS
(Vload = 4*Vf ⇒ 14.2 V)
Figure 14. Efficiency vs. Load Current @ 3 LEDS
(Vload = 3*Vf ⇒ 10.5 V)
50
55
60
65
70
75
80
0
5
10
15
20
25
30
35
Vbat = 3.6 V
Vbat = 4.2 V
Vbat = 3.0 V
ILED (mA)
Vbat = 3.6 V
Vbat = 4.2 V
Vbat = 3.0 V


Similar Part No. - NCP5009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5009 ONSEMI-NCP5009 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5009DMR2 ONSEMI-NCP5009DMR2 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
More results

Similar Description - NCP5009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5006 ONSEMI-NCP5006_06 Datasheet
254Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5007 ONSEMI-NCP5007_14 Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5006 ONSEMI-NCP5006_09 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5005 ONSEMI-NCP5005_09 Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5007 ONSEMI-NCP5007 Datasheet
157Kb / 22P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 4
NCP5007 ONSEMI-NCP5007_06 Datasheet
167Kb / 21P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 4
NCP5006 ONSEMI-NCP5006 Datasheet
218Kb / 24P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com