Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5006SNT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5006SNT1
Description  Compact Backlight LED Boost Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5006SNT1 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5006SNT1 Datasheet HTML 1Page - ON Semiconductor NCP5006SNT1 Datasheet HTML 2Page - ON Semiconductor NCP5006SNT1 Datasheet HTML 3Page - ON Semiconductor NCP5006SNT1 Datasheet HTML 4Page - ON Semiconductor NCP5006SNT1 Datasheet HTML 5Page - ON Semiconductor NCP5006SNT1 Datasheet HTML 6Page - ON Semiconductor NCP5006SNT1 Datasheet HTML 7Page - ON Semiconductor NCP5006SNT1 Datasheet HTML 8Page - ON Semiconductor NCP5006SNT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NCP5006
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply
Vbat
6.0
V
Output Power Supply Voltage Compliance
Vout
28
V
Digital Input Voltage
Digital Input Current
EN
−0.3 < Vin < Vbat + 0.3
1.0
V
mA
ESD Capability (Note 1)
Human Body Model (HBM)
Machine Model (MM)
VESD
2.0
200
kV
V
TSOP−5 Package
Power Dissipation @ TA = +85°C (Note 2)
Thermal Resistance, Junction−to−Air
PD
RqJA
160
250
mW
°C/W
Operating Ambient Temperature Range
TA
−25 to +85
°C
Operating Junction Temperature Range
TJ
−25 to +125
°C
Maximum Junction Temperature
TJmax
+150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM)
"2.0 kV per JEDEC standard: JESD22−A114
Machine Model (MM)
"200 V per JEDEC standard: JESD22−A115
2. The maximum package power dissipation limit must not be exceeded.
3. Latch−up current maximum rating:
"100 mA per JEDEC standard: JESD78.
4. Moisture Sensivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.
POWER SUPPLY SECTION (Typical values are referenced to TA = +25°C, Min & Max values are referenced −25°C to +85°C ambient
temperature, unless otherwise noted.)
Rating
Pin
Symbol
Min
Typ
Max
Unit
Power Supply
4
Vbat
2.7
5.5
V
Output Load Voltage Compliance
5
Vout
21
24
V
Continuous DC Current in the Load @ Vout = 3xLED, L = 22 mH,
ESR < 1.5
W, Vbat = 3.60 V
5
Iout
50
mA
Stand By Current, @ Iout = 0 mA, EN = L, Vbat = 3.6 V
4
Istdb
0.3
mA
Stand By Current, @ Iout = 0 mA, EN = L, Vbat = 5.5 V
4
Istdb
0.8
3.0
mA
Inductor Discharging Time @ Vbat = 3.6 V, L = 22 mH, 3xLED,
Iout = 10 mA
4
Toffmax
320
ns
Thermal Shutdown Protection
TSD
160
°C
Thermal Shutdown Protection Hysteresis
TSDH
30
°C


Similar Part No. - NCP5006SNT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5006SNT1 ONSEMI-NCP5006SNT1 Datasheet
218Kb / 24P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 0
NCP5006SNT1 ONSEMI-NCP5006SNT1 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5006SNT1G ONSEMI-NCP5006SNT1G Datasheet
218Kb / 24P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 0
NCP5006SNT1G ONSEMI-NCP5006SNT1G Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
More results

Similar Description - NCP5006SNT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5007 ONSEMI-NCP5007_14 Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5006 ONSEMI-NCP5006_09 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5005 ONSEMI-NCP5005_09 Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5007 ONSEMI-NCP5007 Datasheet
157Kb / 22P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 4
NCP5007 ONSEMI-NCP5007_06 Datasheet
167Kb / 21P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 4
NCP5006 ONSEMI-NCP5006 Datasheet
218Kb / 24P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 0
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com