Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25256-10CI-1.8 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT25256-10CI-1.8
Description  SPI Serial EEPROMs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25256-10CI-1.8 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT25256-10CI-1.8 Datasheet HTML 3Page - ATMEL Corporation AT25256-10CI-1.8 Datasheet HTML 4Page - ATMEL Corporation AT25256-10CI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT25256-10CI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT25256-10CI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT25256-10CI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25256-10CI-1.8 Datasheet HTML 9Page - ATMEL Corporation AT25256-10CI-1.8 Datasheet HTML 10Page - ATMEL Corporation AT25256-10CI-1.8 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
AT25128/256
0872O–SEEPR–03/05
WRITE ENABLE (WREN): The device will power-up in the write disable state when V
CC
is applied. All programming instructions must therefore be preceded by a Write Enable
instruction.
WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the Write
Disable instruction disables all programming modes. The WRDI instruction is indepen-
dent of the status of the WP pin.
READ STATUS REGISTER (RDSR): The Read Status Register instruction provides
access to the status register. The Ready/Busy and Write Enable status of the device
can be determined by the RDSR instruction. Similarly, the Block Write Protection bits
indicate the extent of protection employed. These bits are set by using the WRSR instruc-
tion.
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select
one of four levels of protection. The AT25128/256 is divided into four array segments.
Top quarter (1/4), top half (1/2), or all of the memory segments can be protected. Any of
the data within any selected segment will therefore be READ only. The block write pro-
tection levels and corresponding status register control bits are shown in Table 8.
The three bits, BP0, BP1, and WPEN are nonvolatile cells that have the same properties
and functions as the regular memory cells (e.g. WREN, t
WC, RDSR).
Table 6. Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN
X
X
X
BP1
BP0
WEN
RDY
Table 7. Read Status Register Bit Definition
Bit
Definition
Bit 0 (RDY)
Bit 0 = “0” (RDY) indicates the device is READY.
Bit 0 = “1” indicates the write cycle is in progress.
Bit 1 (WEN)
Bit 1 = “0” indicates the device is not WRITE ENABLED. Bit 1 = 1
indicates the device is WRITE ENABLED.
Bit 2 (BP0)
See Table 8.
Bit 3 (BP1)
See Table 8.
Bits 4 - 6 are “0”s when device is not in an internal write cycle.
Bit 7 (WPEN)
See Table 9.
Bits 0 – 7 are “1”s during an internal write cycle.
Table 8. Block Write Protect Bits
Level
Status Register Bits
Array Addresses Protected
BP1
BP0
AT25128
AT25256
0
0
0
None
None
1(1/4)
0
1
3000 - 3FFF
6000 - 7FFF
2(1/2)
1
0
2000 - 3FFF
4000 - 7FFF
3(All)
1
1
0000 - 3FFF
0000 - 7FFF


Similar Part No. - AT25256-10CI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25256-10CI-1.8 ATMEL-AT25256-10CI-1.8 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
More results

Similar Description - AT25256-10CI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com