Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA103L-4AC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATMEGA103L-4AC
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA103L-4AC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATMEGA103L-4AC Datasheet HTML 4Page - ATMEL Corporation ATMEGA103L-4AC Datasheet HTML 5Page - ATMEL Corporation ATMEGA103L-4AC Datasheet HTML 6Page - ATMEL Corporation ATMEGA103L-4AC Datasheet HTML 7Page - ATMEL Corporation ATMEGA103L-4AC Datasheet HTML 8Page - ATMEL Corporation ATMEGA103L-4AC Datasheet HTML 9Page - ATMEL Corporation ATMEGA103L-4AC Datasheet HTML 10Page - ATMEL Corporation ATMEGA103L-4AC Datasheet HTML 11Page - ATMEL Corporation ATMEGA103L-4AC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 141 page
background image
8
ATmega103(L)
0945I–AVR–02/07
Architectural
Overview
Figure 4. The ATmega103(L) AVR RISC Architecture
The AVR uses a Harvard architecture concept – with separate memories and buses for
program and data. The Program memory is accessed with a single-level pipeline. While
one instruction is being executed, the next instruction is pre-fetched from the Program
memory. This concept enables instructions to be executed in every clock cycle. The
Program memory is In-System Programmable Flash memory. With a few exceptions,
AVR instructions have a single 16-bit word format, meaning that every Program memory
address contains a single 16-bit instruction.
During interrupts and subroutine calls, the return address Program Counter (PC) is
stored on the Stack. The Stack is effectively allocated in the general data SRAM and,
consequently, the Stack size is only limited by the total SRAM size and the usage of the
SRAM. All user programs must initialize the SP in the reset routine (before subroutines
or interrupts are executed). The 16-bit Stack Pointer (SP) is read/write accessible in the
I/O space.
The 4000 bytes data SRAM can be easily accessed through the five different address-
ing modes supported in the AVR architecture.
A flexible interrupt module has its control registers in the I/O space with an additional
Global Interrupt Enable bit in the Status Register. All the different interrupts have a sep-
64K x 16
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registers
ALU
Status
and Test
4K x 8
EEPROM
Peripherals
Data Bus 8-bit
AVR ATmega103(L) Architecture
4K x 8
Data
SRAM


Similar Part No. - ATMEGA103L-4AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA103L-4AC ATMEL-ATMEGA103L-4AC Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA103L-4AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA1284P ATMEL-ATMEGA1284P_1 Datasheet
6Mb / 380P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
ATMEGA128A ATMEL-ATMEGA128A_09 Datasheet
555Kb / 21P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 8151DS-AVR-07/09
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA1284P ATMEL-ATMEGA1284P_09 Datasheet
374Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059DS-AVR-11/09
ATMEGA128 ATMEL-ATMEGA128_08 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATMEGA128 ATMEL-ATMEGA128 Datasheet
360Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128 ATMEL-ATMEGA128_09 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_06 Datasheet
317Kb / 31P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA128A ATMEL-ATMEGA128A_10 Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA1284P ATMEL-ATMEGA1284P Datasheet
416Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059BS-AVR-05/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com