Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C128-10TU-1.8 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT24C128-10TU-1.8
Description  Two-wire Serial EEPROMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128-10TU-1.8 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT24C128-10TU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C128-10TU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C128-10TU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C128-10TU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C128-10TU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C128-10TU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C128-10TU-1.8 Datasheet HTML 9Page - ATMEL Corporation AT24C128-10TU-1.8 Datasheet HTML 10Page - ATMEL Corporation AT24C128-10TU-1.8 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
AT24C128/256
0670S–SEEPR–5/06
Device
Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external
device. Data on the SDA pin may change only during SCL low time periods (see Figure 4 on
page 8). Data changes during SCL high periods will indicate a start or stop condition as
defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which
must precede any other command (see Figure 5 on page 9).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a
read sequence, the stop command will place the EEPROM in a standby power mode (see Fig-
ure 5 on page 9).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the
EEPROM in 8-bit words. The EEPROM sends a zero during the ninth clock cycle to acknowl-
edge that it has received each word.
STANDBY MODE: The AT24C128/256 features a low power standby mode which is enabled:
a) upon power-up and b) after the receipt of the STOP bit and the completion of any internal
operations.
MEMORY RESET: After an interruption in protocol, power loss or system reset, any two-wire
part can be reset by following these steps: (a) Clock up to 9 cycles, (b) look for SDA high in
each cycle while SCL is high and then (c) create a start condition as SDA is high.


Similar Part No. - AT24C128-10TU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128-10TU-1.8 ATMEL-AT24C128-10TU-1.8 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results

Similar Description - AT24C128-10TU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
   Two-wire Automotive Temperature Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com