Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3712ASNT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3712ASNT1
Description  Over Voltage Protected High Side Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3712ASNT1 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3712ASNT1 Datasheet HTML 1Page - ON Semiconductor NCP3712ASNT1 Datasheet HTML 2Page - ON Semiconductor NCP3712ASNT1 Datasheet HTML 3Page - ON Semiconductor NCP3712ASNT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NCP3712ASNT1
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Vin = 12.5 VDC Ref to Gnd, TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Input−Output Breakdown Voltage
(@ Iout = 200 mA)
V(BRio)
105
Vdc
Output Reverse Breakdown Voltage
(@ Iout = −1.0 mA Pulse)
V(−BRout)
− 0.7
Vdc
Output Leakage Current
(Vin = Venbl = 30 V, TA = 25°C)
Iload(off)
−100
mAdc
Guaranteed “Off” State “ENBL NOT” Voltage
(IO ≤ 100 mA)
Venbl(off)
13
Vdc
Required “Off” State Iz Current
(Rload = 100 W)
Iz(off)
150
mAdc
Vin(off)
(Vz = 16 V, Iload = 100 mA, Renbl = 1500 W)
Voff
15.5
18.7
Vdc
ON CHARACTERISTICS
Input−Output On Voltage
(Io = 100 mA, Ienbl = −3.0 mA)
Vio(on)
0.2
0.5
Vdc
Output Load Current
⎯ Continuous
(Ienbl = −3.0 mA, Vio(on) = 0.5 Vdc)
(Iboost = −9.0 mA, Vio(on) = 0.5 Vdc)
(Iboost = −9.0 mA, Vio(on) = 0.6 Vdc)
Io(on)
−200
−200
−300
mAdc
Vin(on)
(Vz = 16 V, Iload = 100 mA, Renbl = 1500 W)
Von
8.5
10.5
Vdc
“ENBL NOT” Input Current
(Io = 100 mA, Vio(on) = 0.35 Vdc, Renbl = 1500 W)
Ienbl
−1.0
mAdc
SWITCHING CHARACTERISTICS
Propagation Delay Time:
Hi to Lo Prop Delay; Fig. 3 (Vin = Venbl = 13.5 V)
Lo to Hi Prop Delay; Fig. 3 (Vin = 13.5 V, Venbl = 0 V)
tPHL
tPLH
1.5
1.5
mS
Transition Times:
Fall Time; Fig. 4 (Vin = Venbl = 13.5 V)
Rise Time; Fig. 4 (Vin = Venbl = 0 V)
tf
tr
75
400
hS
INTERNAL RESISTORS
Input Leakage Resistor
R2
7.0
10
13
k
W
Input Resistor
R1
3.3
4.7
6.1
k
W
Output Leakage Resistor
R4
1.4
2.4
3.2
k
W
Enable Input Resistor
R3
1.4
2.4
3.2
k
W


Similar Part No. - NCP3712ASNT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
   Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
63Kb / 4P
   Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
NCP3712ASNT1G ONSEMI-NCP3712ASNT1G Datasheet
63Kb / 4P
   Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_14 Datasheet
63Kb / 4P
   Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
More results

Similar Description - NCP3712ASNT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
   Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_14 Datasheet
63Kb / 4P
   Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
logo
STMicroelectronics
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
logo
International Rectifier
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
   PROTECTED HIGH SIDE SWITCH
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
   Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
logo
International Rectifier
AUIR3330S IRF-AUIR3330S_15 Datasheet
1Mb / 30P
   PROTECTED HIGH FREQUENCY HIGH SIDE SWITCH
logo
Kinetic Technologies.
KTS1685 KINETIC-KTS1685 Datasheet
581Kb / 10P
   Surge Protected Load Switch with Over-Voltage Protection
August 2020 - Revision 04c
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com