Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C128-10PI-1.8 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C128-10PI-1.8
Description  Two-wire Serial EEPROMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128-10PI-1.8 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C128-10PI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 9Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 10Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 11Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 12Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 13Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
AT24C128/256
0670S–SEEPR–5/06
Write
Operations
BYTE WRITE: A write operation requires two 8-bit data word addresses following the device
address word and acknowledgment. Upon receipt of this address, the EEPROM will again
respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit
data word, the EEPROM will output a zero. The addressing device, such as a microcontroller,
then must terminate the write sequence with a stop condition. At this time the EEPROM enters
an internally-timed write cycle, t
WR, to the nonvolatile memory. All inputs are disabled during
this write cycle and the EEPROM will not respond until the write is complete (see Figure 8 on
page 11).
PAGE WRITE: The 128K/256K EEPROM is capable of 64-byte page writes.
A page write is initiated the same way as a byte write, but the microcontroller does not send a
stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges
receipt of the first data word, the microcontroller can transmit up to 63 more data words. The
EEPROM will respond with a zero after each data word received. The microcontroller must ter-
minate the page write sequence with a stop condition (see Figure 9 on page 12).
The data word address lower 6 bits are internally incremented following the receipt of each
data word. The higher data word address bits are not incremented, retaining the memory page
row location. When the word address, internally generated, reaches the page boundary, the
following byte is placed at the beginning of the same page. If more than 64 data words are
transmitted to the EEPROM, the data word address will “roll over” and previous data will be
overwritten. The address “roll over” during write is from the last byte of the current page to the
first byte of the same page.
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a
start condition followed by the device address word. The read/write bit is representative of the
operation desired. Only if the internal write cycle has completed will the EEPROM respond
with a zero, allowing the read or write sequence to continue.


Similar Part No. - AT24C128-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128-10PI-1.8 ATMEL-AT24C128-10PI-1.8 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128-10PI-1.8 ATMEL-AT24C128-10PI-1.8 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
More results

Similar Description - AT24C128-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
   Two-wire Automotive Temperature Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com