Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV116B-25 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV116B-25
Description  Rectifier diodes Schottky barrier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV116B-25 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV116B-25 Datasheet HTML 1Page - NXP Semiconductors BYV116B-25 Datasheet HTML 2Page - NXP Semiconductors BYV116B-25 Datasheet HTML 3Page - NXP Semiconductors BYV116B-25 Datasheet HTML 4Page - NXP Semiconductors BYV116B-25 Datasheet HTML 5Page - NXP Semiconductors BYV116B-25 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV116, BYV116B series
Schottky barrier
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
• Fast switching
V
R = 20 V/ 25 V
• Reverse surge capability
• High thermal cycling performance
I
O(AV) = 10 A
• Low thermal resistance
V
F ≤ 0.54 V
GENERAL DESCRIPTION
Dual schottky rectifier diodes intended for use as output rectifiers in low voltage, high frequency switched mode power
supplies.
The BYV116 series is supplied in the SOT78 (TO220AB) conventional leaded package.
The BYV116B series is supplied in the SOT404 surface mounting package.
PINNING
SOT78 (TO220AB)
SOT404
PIN
DESCRIPTION
1
anode 1 (a)
2
cathode (k)
1
3
anode 2 (a)
tab
cathode (k)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYV118-
20
25
BYV116B-
20
25
V
RRM
Peak repetitive reverse
-
20
25
V
voltage
V
RWM
Working peak reverse
-
20
25
V
voltage
V
R
Continuous reverse voltage
T
mb ≤ 124 ˚C
-
20
25
V
I
O(AV)
Average rectified forward
square wave;
δ = 0.5; T
mb ≤ 123 ˚C
-
10
A
current (both diodes
conducting)
I
FRM
Repetitive peak forward
square wave;
δ = 0.5; T
mb ≤ 123 ˚C
-
10
A
current per diode
I
FSM
Non-repetitive peak forward
t = 10 ms
-
50
A
current per diode
t = 8.3 ms
-
55
A
sinusoidal; T
j = 125 ˚C prior to
surge; with reapplied V
RRM(max)
I
RRM
Peak repetitive reverse
pulse width and repetition rate
-
1
A
surge current per diode
limited by T
j max
T
j
Operating junction
-
150
˚C
temperature
T
stg
Storage temperature
- 65
175
˚C
1. It is not possible to make connection to pin 2 of the SOT404 package.
k
a1
a2
13
2
13
tab
2
12 3
tab
March 1998
1
Rev 1.000


Similar Part No. - BYV116B-25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV1100 PHILIPS-BYV1100 Datasheet
64Kb / 12P
   Fast soft-recovery rectifier
1998 Dec 03
BYV118 PHILIPS-BYV118 Datasheet
36Kb / 6P
   Rectifier diodes Schottky barrier
May 1998 Rev 1.300
BYV118-35 PHILIPS-BYV118-35 Datasheet
36Kb / 6P
   Rectifier diodes Schottky barrier
May 1998 Rev 1.300
BYV118-40 PHILIPS-BYV118-40 Datasheet
36Kb / 6P
   Rectifier diodes Schottky barrier
May 1998 Rev 1.300
BYV118-45 PHILIPS-BYV118-45 Datasheet
36Kb / 6P
   Rectifier diodes Schottky barrier
May 1998 Rev 1.300
More results

Similar Description - BYV116B-25

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com