Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2890AFCT2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP2890AFCT2
Description  1.0 Watt Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2890AFCT2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP2890AFCT2 Datasheet HTML 7Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 8Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 9Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 10Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 11Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 12Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 13Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 14Page - ON Semiconductor NCP2890AFCT2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCP2890, NCV2890
http://onsemi.com
11
APPLICATION INFORMATION
Detailed Description
The NCP2890 audio amplifier can operate under 2.6 V
until 5.5 V power supply. It delivers 320 mW rms output
power to 4.0
W load (Vp = 2.6 V) and 1.0 W rms output
power to 8.0
W load (Vp = 5.0 V).
The structure of the NCP2890 is basically composed of
two identical internal power amplifiers; the first one is
externally configurable with gain−setting resistors Rin and
Rf (the closed−loop gain is fixed by the ratios of these
resistors) and the second is internally fixed in an inverting
unity−gain configuration by two resistors of 20 k
W. So the
load is driven differentially through OUTA and OUTB
outputs. This configuration eliminates the need for an
output coupling capacitor.
Internal Power Amplifier
The output PMOS and NMOS transistors of the amplifier
were designed to deliver the output power of the
specifications without clipping. The channel resistance
(Ron) of the NMOS and PMOS transistors does not exceed
0.6
W when they drive current.
The structure of the internal power amplifier is
composed of three symmetrical gain stages, first and
medium gain stages are transconductance gain stages to
obtain maximum bandwidth and DC gain.
Turn−On and Turn−Off Transitions
A cycle with a turn−on and turn−off transition is
illustrated with plots that show both single ended signals on
the previous page.
In order to eliminate “pop and click” noises during
transitions, output power in the load must be slowly
established or cut. When logic high is applied to the
shutdown
pin, the bypass voltage begins to rise
exponentially and once the output DC level is around the
common mode voltage, the gain is established slowly
(50 ms). This way to turn−on the device is optimized in
terms of rejection of “pop and click” noises.
The device has the same behavior when it is turned−off
by a logic low on the shutdown pin. During the shutdown
mode, amplifier outputs are connected to the ground.
When a shutdown low level is applied, it takes 350 ms
before the DC output level is tied to Ground. However, as
shown on Figure 30, the turn off time of the audio signal is
40 ms.
A theoretical value of turn−on time at 25
°C is given by
the following formula.
Cby: bypass capacitor
R: internal 300 k resistor with a 25% accuracy
Ton = 0.95 * R * Cby (285 ms with Cby = 1
mF)
If a faster turn on time is required then a lower bypass
capacitor can be used. The other option is to use NCP2892
which offers 100 ms with 1
mF bypass capacitor.
Shutdown Function
The device enters shutdown mode when shutdown signal
is low. During the shutdown mode, the DC quiescent
current of the circuit does not exceed 100 nA.
Current Limit Circuit
The maximum output power of the circuit (Porms =
1.0 W, Vp = 5.0 V, RL = 8.0
W) requires a peak current in
the load of 500 mA.
In order to limit the excessive power dissipation in the
load when a short−circuit occurs, the current limit in the
load is fixed to 800 mA. The current in the four output MOS
transistors are real−time controlled, and when one current
exceeds 800 mA, the gate voltage of the MOS transistor is
clipped and no more current can be delivered.
Thermal Overload Protection
Internal
amplifiers
are
switched
off
when
the
temperature exceeds 160
°C, and will be switched on again
only when the temperature decreases fewer than 140
°C.
The NCP2890 is unity−gain stable and requires no
external components besides gain−setting resistors, an
input coupling capacitor and a proper bypassing capacitor
in the typical application.
The first amplifier is externally configurable (Rf and
Rin), while the second is fixed in an inverting unity gain
configuration.
The differential−ended amplifier presents two major
advantages:
− The possible output power is four times larger (the
output swing is doubled) as compared to a single−ended
amplifier under the same conditions.
− Output pins (OUTA and OUTB) are biased at the same
potential Vp/2, this eliminates the need for an output
coupling
capacitor required with a single−ended
amplifier configuration.
The differential closed loop−gain of the amplifier is
given by Avd + 2*
Rf
Rin
+
Vorms
Vinrms
.
Output power delivered to the load is given by
Porms +
(Vopeak)2
2* RL
(Vopeak is the peak differential
output voltage).
When choosing gain configuration to obtain the desired
output power, check that the amplifier is not current limited
or clipped.
The maximum current which can be delivered to the load
is 500 mA Iopeak +
Vopeak
RL
.


Similar Part No. - NCP2890AFCT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890AFCT2 ONSEMI-NCP2890AFCT2 Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890AFCT2G ONSEMI-NCP2890AFCT2G Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890AFCT2G ONSEMI-NCP2890AFCT2G Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
More results

Similar Description - NCP2890AFCT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890FCT1 ONSEMI-NCP2890FCT1 Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890 ONSEMI-NCP2890 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
ON Semiconductor
NCP4896 ONSEMI-NCP4896 Datasheet
130Kb / 16P
   1.0 Watt Audio Power Amplifier with Earpiece Driving Capability
March, 2005 ??Rev. 3
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com