Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2860DM277R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP2860DM277R2G
Description  300 mA Very Low Noise, Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2860DM277R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP2860DM277R2G Datasheet HTML 1Page - ON Semiconductor NCP2860DM277R2G Datasheet HTML 2Page - ON Semiconductor NCP2860DM277R2G Datasheet HTML 3Page - ON Semiconductor NCP2860DM277R2G Datasheet HTML 4Page - ON Semiconductor NCP2860DM277R2G Datasheet HTML 5Page - ON Semiconductor NCP2860DM277R2G Datasheet HTML 6Page - ON Semiconductor NCP2860DM277R2G Datasheet HTML 7Page - ON Semiconductor NCP2860DM277R2G Datasheet HTML 8Page - ON Semiconductor NCP2860DM277R2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCP2860
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
(Vin = Vout + 0.5 V, Cin = Cout = 2.2 mF, SET = GND, TA = 25°C, unless otherwise noted.)
100
1000
10
10000
0.01
10
1
0.1
FREQUENCY (kHz)
Figure 7. Power Supply Rejection Ratio
Figure 8. Output Noise Spectral Density
0.01
0.10
1000
RMS Noise 10 Hz to 100 kHz: 59
mVrms
Vin = Vout + 1 V
Cout = 22 mF
Iload = 10 mA
Vout = 2.77 V
FREQUENCY (kHz)
100
1000
1
10
100
Vin = 3.26 V
SET = GND
Iload = 10 mA
Vout = 2.77 V
Cout = 22 mF
Cout = 2.2 mF
C4 Max
2.780 V
C4 Mean
2.7612 V
C4 Min
2.716 V
Vout
(200 mV/div)
200 mA
Iload
0 mA
Vin
10 mV/div
Vout
Vin = Vout + 200 mV
ILoad = 200 mA
4.3 V
3.3 V
Figure 9. Load Transient Response
Figure 10. Line Transient
−30
−60
−90
0
−80
−70
−40
−50
−20
−10


Similar Part No. - NCP2860DM277R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2860DM277R2 ONSEMI-NCP2860DM277R2 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
More results

Similar Description - NCP2860DM277R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
logo
STMicroelectronics
LD59030 STMICROELECTRONICS-LD59030 Datasheet
1Mb / 24P
   300 mA very low dropout linear regulator IC
Rev 8 - March 2021
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com