Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C01AY6-10YH-1.8 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C01AY6-10YH-1.8
Description  Two-wire Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01AY6-10YH-1.8 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C01AY6-10YH-1.8 Datasheet HTML 1Page - ATMEL Corporation AT24C01AY6-10YH-1.8 Datasheet HTML 2Page - ATMEL Corporation AT24C01AY6-10YH-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C01AY6-10YH-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C01AY6-10YH-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C01AY6-10YH-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C01AY6-10YH-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C01AY6-10YH-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C01AY6-10YH-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
AT24C01A/02/04/08A/16A
0180Z–SEEPR–11/06
Note:
1. This parameter is characterized.
Table 5. AC Characteristics
Applicable over recommended operating range from TAI = 40°C to +85°C, VCC = +1.8V to +5.5V, VCC = +2.7V to +5.5V,
CL = 1 TTL Gate and 100 pF (unless otherwise noted)
Symbol
Parameter
1.8-volt
2.7, 5.0-volt
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
100
400
kHz
tLOW
Clock Pulse Width Low
4.7
1.2
µs
tHIGH
Clock Pulse Width High
4.0
0.6
µs
tI
Noise Suppression Time(1)
100
50
ns
tAA
Clock Low to Data Out Valid
0.1
4.5
0.1
0.9
µs
tBUF
Time the bus must be free before
a new transmission can start(1)
4.7
1.2
µs
tHD.STA
Start Hold Time
4.0
0.6
µs
tSU.STA
Start Setup Time
4.7
0.6
µs
tHD.DAT
Data In Hold Time
0
0
µs
tSU.DAT
Data In Setup Time
200
100
ns
tR
Inputs Rise Time(1)
1.0
0.3
µs
tF
Inputs Fall Time(1)
300
300
ns
tSU.STO
Stop Setup Time
4.7
0.6
µs
tDH
Data Out Hold Time
100
50
ns
tWR
Write Cycle Time
5
5
ms
Endurance(1)
5.0V, 25
°C, Byte Mode
1M
1M
Write
Cycles


Similar Part No. - AT24C01AY6-10YH-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01AY1-10YU-1.8 ATMEL-AT24C01AY1-10YU-1.8 Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
More results

Similar Description - AT24C01AY6-10YH-1.8

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com