Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1729SN35T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1729SN35T1
Description  Switched Capacitor Voltage Inverter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1729SN35T1 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1729SN35T1 Datasheet HTML 1Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 2Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 3Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 4Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 5Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 6Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 7Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 8Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
NCP1729
http://onsemi.com
2
MAXIMUM RATINGS*
Rating
Symbol
Value
Unit
Input Voltage Range (Vin to GND)
Vin
−0.3 to 6.0
V
Output Voltage Range (Vout to GND)
Vout
−6.0 to 0.3
V
Output Current
Iout
100
mA
Output Short Circuit Duration (Vout to GND)
tSC
Indefinite
sec
Operating Junction Temperature
TJ
150
°C
Power Dissipation and Thermal Characteristics
Thermal Resistance, Junction−to−Air
Maximum Power Dissipation @ TA = 70°C
RqJA
PD
256
313
°C/W
mW
Storage Temperature
Tstg
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*ESD Ratings
ESD Machine Model Protection up to 200 V, Class B
ESD Human Body Model Protection up to 2000 V, Class 2
ELECTRICAL CHARACTERISTICS (Vin = 5.0 V, C1 = 3.3 mF, C2 = 3.3 mF, TA = −40°C to 85°C, typical values shown are for
TA = 25°C unless otherwise noted. See Figure 14 for Test Setup.)
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Supply Voltage Range (SHDN = Vin, RL = 10 k)
Vin
1.5 to 5.5
1.15 to 6.0
V
Supply Current Device Operating (SHDN = 5.0 V, RL = R)
TA = 25°C
TA = 85°C
Iin
122
128
200
200
mA
Supply Current Device Shutdown (SHDN = 0 V)
TA = 25°C
TA = 85°C
ISHDN
0.4
1.7
mA
Oscillator Frequency
TA = 25°C
TA = −40°C to 85°C
fOSC
24.5
19
33.5
45.6
54
kHz
Output Resistance (Iout = 25 mA, Note 1)
Rout
26
50
W
Voltage Conversion Efficiency (RL = R)
VEFF
99
99.9
%
Power Conversion Efficiency (RL = 1.0 k)
PEFF
96
%
Shutdown Input Threshold Voltage (Vin = 1.5 V to 5.5 V)
High State, Device Operating
Low State, Device Shutdown
Vth(SHDN)
0.6 Vin
0.5 Vin
V
Shutdown Input Bias Current
High State, Device Operating, SHDN = 5.0 V
TA = 25°C
TA = 85°C
Low State, Device Shutdown, SHDN = 0 V
TA = 25°C
TA = 85°C
IIH
IIL
5.0
100
5.0
100
pA
Wake−Up Time from Shutdown (RL = 1.0 k)
tWKUP
1.0
ms
1. Capacitors C1 and C2 contribution is approximately 20% of the total output resistance.


Similar Part No. - NCP1729SN35T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1729SN35T1 ONSEMI-NCP1729SN35T1 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
More results

Similar Description - NCP1729SN35T1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com