Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C46R-10SI-1.8 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT93C46R-10SI-1.8
Description  Three-wire Serial EEPROMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C46R-10SI-1.8 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT93C46R-10SI-1.8 Datasheet HTML 1Page - ATMEL Corporation AT93C46R-10SI-1.8 Datasheet HTML 2Page - ATMEL Corporation AT93C46R-10SI-1.8 Datasheet HTML 3Page - ATMEL Corporation AT93C46R-10SI-1.8 Datasheet HTML 4Page - ATMEL Corporation AT93C46R-10SI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT93C46R-10SI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT93C46R-10SI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT93C46R-10SI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT93C46R-10SI-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Features
Low-voltage and Standard-voltage Operation
– 2.7 (V
CC = 2.7V to 5.5V)
– 1.8 (VCC = 1.8V to 5.5V)
User-selectable Internal Organization
– 1K: 128 x 8 or 64 x 16
– 2K: 256 x 8 or 128 x 16
– 4K: 512 x 8 or 256 x 16
Three-wire Serial Interface
2 MHz Clock Rate (5V)
Self-timed Write Cycle (10 ms max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
Automotive Grade, Extended Temperature and Lead-Free/Halogen-Free
Devices Available
8-lead PDIP, 8-lead JEDEC SOIC, 8-lead EIAJ SOIC, 8-lead MAP, 8-lead TSSOP,
and 8-ball dBGA2 Packages
Description
The AT93C46/56/66 provides 1024/2048/4096 bits of serial electrically erasable pro-
grammable read-only memory (EEPROM), organized as 64/128/256 words of 16 bits
each (when the ORG pin is connected to VCC), and 128/256/512 words of 8 bits each
(when the ORG pin is tied to ground). The device is optimized for use in many indus-
trial and commercial applications where low-power and low-voltage operations are
essential. The AT93C46/56/66 is available in space-saving 8-lead PDIP, 8-lead
JEDEC SOIC, 8-lead EIAJ SOIC, 8-lead MAP, 8-lead TSSOP, and 8-lead dBGA2
packages.
The AT93C46/56/66 is enabled through the Chip Select pin (CS) and accessed via a
three-wire serial interface consisting of Data Input (DI), Data Output (DO), and Shift
Clock (SK). Upon receiving a Read instruction at DI, the address is decoded and the
data is clocked out serially on the DO pin. The Write cycle is completely self-timed,
and no separate Erase cycle is required before Write. The Write cycle is only enabled
when the part is in the Erase/Write Enable state. When CS is brought high following
the initiation of a Write cycle, the DO pin outputs the Ready/Busy status of the part.
The AT93C46/56/66 is available in 2.7V to 5.5V and 1.8V to 5.5V versions.
Table 1. Pin Configurations
Pin Name
Function
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
VCC
Power Supply
ORG
Internal Organization
DC
Don’t Connect
Three-wire
Serial
EEPROMs
1K (128 x 8 or 64 x 16)
2K (256 x 8 or 128 x 16)
4K (512 x 8 or 256 x 16)
AT93C46
AT93C56(1)
AT93C66(2)
Note: 1. This device is not recom-
mended for new designs.
Please refer to AT93C56A.
2. This device is not recom-
mended for new designs.
Please refer to AT93C66A.
0172Z–SEEPR–9/05
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
DC
ORG
GND
VCC
DC
ORG
GND
CS
SK
D1
D0
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
DC
ORG
GND
1
2
3
4
8
7
6
5
DC
VCC
CS
SK
ORG
GND
DO
DI
1
2
3
4
8
7
6
5
VCC
DC
ORG
GND
CS
SK
DI
DO
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
DC
ORG
GND
8-lead SOIC
8-lead dBGA2
8-lead PDIP
8-lead SOIC
Rotated (R)
(1K JEDEC Only)
8-lead MAP
8-lead TSSOP


Similar Part No. - AT93C46R-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46R-10SI-1.8 ATMEL-AT93C46R-10SI-1.8 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C46R-10SI-1.8 ATMEL-AT93C46R-10SI-1.8 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
More results

Similar Description - AT93C46R-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_07 Datasheet
552Kb / 14P
   Three-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com