Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1653PG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1653PG
Description  Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653PG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1653PG Datasheet HTML 6Page - ON Semiconductor NCP1653PG Datasheet HTML 7Page - ON Semiconductor NCP1653PG Datasheet HTML 8Page - ON Semiconductor NCP1653PG Datasheet HTML 9Page - ON Semiconductor NCP1653PG Datasheet HTML 10Page - ON Semiconductor NCP1653PG Datasheet HTML 11Page - ON Semiconductor NCP1653PG Datasheet HTML 12Page - ON Semiconductor NCP1653PG Datasheet HTML 13Page - ON Semiconductor NCP1653PG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NCP1653, NCP1653A
http://onsemi.com
10
The input filter capacitor Cfilter and the front−ended EMI
filter absorbs the high−frequency component of inductor
current IL. It makes the input current Iin a low−frequency
signal only of the inductor current.
Iin + IL−50
(eq.2)
The suffix 50 means it is with a 50 or 60 Hz bandwidth
of the original IL.
From (eq.1) and (eq.2), the input impedance Zin is
formulated.
Zin +
Vin
Iin
+
T
* t1
T
Vout
IL−50
(eq.3)
Power factor is corrected when the input impedance Zin
in (eq.3) is constant or slowly varying in the 50 or 60 Hz
bandwidth.
Figure 27. PFC Duty Modulation and Timing Diagram
R
S
Q
0
1
clock
PFC Modulation
Output
Clock
Latch Set
Latch Reset
Inductor
Current
without
filtering
+
+
Vref
Vref
Vramp
Vramp
VM
VM
VM
Ich
Cramp
The PFC duty modulation and timing diagram is shown
in Figure 27. The MOSFET on time t1 is generated by the
intersection of reference voltage Vref and ramp voltage
Vramp. A relationship in (eq.4) is obtained.
Vramp + VM )
Icht1
Cramp
+ Vref
(eq.4)
The charging current Ich is specially designed as in
(eq.5). The multiplier voltage VM is therefore expressed in
terms of t1 in (eq.6).
Ich +
Cramp Vref
T
(eq.5)
(eq.6)
VM + Vref *
t1
Cramp
CrampVref
T
+ Vref
T
* t1
T
From (eq.3) and (eq.6), the input impedance Zin is
re−formulated in (eq.7).
(eq.7)
Zin +
VM
Vref
Vout
IL−50
Because Vref and Vout are roughly constant versus time,
the multiplier voltage VM is designed to be proportional to
the IL−50 in order to have a constant Zin for PFC purpose.
It is illustrated in Figure 28.
Figure 28. Multiplier Voltage Timing Diagram
V in
time
time
V M
time
I in
I L
It can be seen in the timing diagram in Figure 27 that VM
originally consists of a switching frequency ripple coming
from the inductor current IL. The duty ratio can be
inaccurately generated due to this ripple. This modulation
is the so−called “peak current−mode”. Hence, an external
capacitor CM connected to the multiplier voltage VM pin
(Pin 5) is essential to bypass the high−frequency
component of VM. The modulation becomes the so−called
“average current−mode” with a better accuracy for PFC.
Figure 29. External Connection on the Multiplier
Voltage Pin
5
RM Ivac IS
2Icontrol
VM =
PFC Duty
Modulation
IM
VM
RM
CM
The multiplier voltage VM is generated according to
(eq.8).
VM +
RM Ivac IS
2Icontrol
(eq.8)
Input−voltage current Ivac is proportional to the RMS
input voltage Vac as described in (eq.9). The suffix ac


Similar Part No. - NCP1653PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653PG ONSEMI-NCP1653PG Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653PG ONSEMI-NCP1653PG Datasheet
219Kb / 21P
   PFC Controller
May, 2015 ??Rev. 10
More results

Similar Description - NCP1653PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20115 RENESAS-R2A20115 Datasheet
143Kb / 1P
   Continuous Conduction Mode PFC IC
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com