Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1606APG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1606APG
Description  Cost Effective Power Factor Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1606APG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1606APG Datasheet HTML 1Page - ON Semiconductor NCP1606APG Datasheet HTML 2Page - ON Semiconductor NCP1606APG Datasheet HTML 3Page - ON Semiconductor NCP1606APG Datasheet HTML 4Page - ON Semiconductor NCP1606APG Datasheet HTML 5Page - ON Semiconductor NCP1606APG Datasheet HTML 6Page - ON Semiconductor NCP1606APG Datasheet HTML 7Page - ON Semiconductor NCP1606APG Datasheet HTML 8Page - ON Semiconductor NCP1606APG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
NCP1606
http://onsemi.com
2
Figure 2. Block Diagram
ESD
UVLO
DRV
GND
FB
ESD
Control
Ct
ESD
CS
ESD
ZCD
E/A
+
Measure
300
2.5 V
200 mV
2.3 V
VCL(POS)
Clamp
Shutdown
Demag
UVP
Fault
OCP
+
Dynamic OVP
ESD
Shutdown
VEAH
Clamp
Active
Clamp
LEB
Add VEAL
Offset
Static OVP is triggered
when clamp is activated.
VEAL
Clamp
Static OVP
Off Timer
Reset
PWM
R
Q
S
(Enable EA)
1.6 V
R
Q
S
R
Q
S
R
Q
S
R
Q
S
POK
nPOK
nPOK
nPOK
AC IN
DRV
VCONTROL
ROUT2
ROUT1
CCOMP
RSENSE
RZCD
CBULK
Q
Q
Q
VCC
VOUT
VCC
VDDGD
VDDGD
Q
Q
VDD
VDD
270 mA
VDD
VCC
VDD
VDDGD
VDD Reg
IEAsink
mV
Isink>Iovp
VCL(NEG)
*All SR Latches are Reset Dominant
+
+
+
+
+
Enable
+
VCS(limit)
Ct
DBOOST
*All values shown are typical only. Refer to the “Electrical Characteristics”
for complete specifications.
LBOOST


Similar Part No. - NCP1606APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1606 ONSEMI-NCP1606 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
More results

Similar Description - NCP1606APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1607BOOSTGEVB ONSEMI-NCP1607BOOSTGEVB Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
NCP1607 ONSEMI-NCP1607 Datasheet
261Kb / 23P
   Cost Effective Power Factor Controller
April, 2009 ??Rev. 1
NCP1607 ONSEMI-NCP1607_15 Datasheet
181Kb / 23P
   Cost Effective Power Factor Controller
July, 2015 ??Rev. 2
logo
List of Unclassifed Man...
OB3350 ETC2-OB3350 Datasheet
464Kb / 10P
   Cost Effective LED Controller
logo
ON Semiconductor
MC33260 ONSEMI-MC33260_05 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
logo
Diodes Incorporated
AP3105 DIODES-AP3105 Datasheet
336Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
AP3103A DIODES-AP3103A Datasheet
408Kb / 12P
   COST EFFECTIVE GREEN PWM CONTROLLER
AP3105D DIODES-AP3105D Datasheet
368Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
February 2014 Rev. 2 - 2
AP3105NA DIODES-AP3105NA Datasheet
347Kb / 13P
   COST EFFECTIVE GREEN PWM CONTROLLER
logo
Excelliance MOS Corp.
EM8931 EXCELLIANCE-EM8931 Datasheet
256Kb / 10P
   Cost Effective PWM Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com