Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1605 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1605
Description  Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1605 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1605 Datasheet HTML 1Page - ON Semiconductor NCP1605 Datasheet HTML 2Page - ON Semiconductor NCP1605 Datasheet HTML 3Page - ON Semiconductor NCP1605 Datasheet HTML 4Page - ON Semiconductor NCP1605 Datasheet HTML 5Page - ON Semiconductor NCP1605 Datasheet HTML 6Page - ON Semiconductor NCP1605 Datasheet HTML 7Page - ON Semiconductor NCP1605 Datasheet HTML 8Page - ON Semiconductor NCP1605 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
NCP1605, NCP1605A
http://onsemi.com
2
EMI
Filter
Ac line
LOAD
L1
D1
Rcs
M1
Cbo
1
2
3
4 13
16
14
15
5
6
7
89
12
10
11
Ct
pfcOK
STBY control
FB
OVP
Rzcd
Rdrv
Cin
Rocp
Rbo2
Rbo1
+
Vout
+
VCC
CVCC
Icoil
Vin
Cbulk
VCC
Vout
Cosc
Rovp1
Rovp2
Rout1
CVref
CVctrl
Rout2
Icoil
Figure 1.
MAXIMUM RATINGS
Pin
Rating
Symbol
Value
Unit
10
Power Supply Input
VCC
−0.3, +20
V
10
Maximum Transient Voltage (Note 1)
VCC
−0.3, +25
V
1, 2, 4, 6, 7, 8,
13 and 14
Input Voltage
VI
−0.3, +9
V
3
VCONTROL Pin
VCONTROL
−0.3, VCONTROL MAX
(Note 2)
V
16
High Voltage Pin
HV
−0.3, +500
V
Power Dissipation and Thermal Characteristics:
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction−to−Air
PD
RqJA
550
145
mW
°C/W
Operating Junction Temperature Range
TJ
−40, +125
°C
Maximum Junction Temperature
TJmax
150
°C
Storage Temperature Range
TSmax
−65 to 150°
°C
Lead Temperature (Soldering, 10 s)
TLmax
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The maximum transient voltage with a corresponding maximum transient current at 100 mA. The maximum transient power handling capability
must be observed as well.
2. “VCONTROLMAX” is the pin clamp voltage


Similar Part No. - NCP1605

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605 Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605A ONSEMI-NCP1605A Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605A ONSEMI-NCP1605A Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
More results

Similar Description - NCP1605

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_14 Datasheet
574Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
October, 2014 ??Rev. 12
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
   Power Factor and PWM Controller(Voltage Mode)
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com