Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1560 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1560
Description  Full Featured Voltage Mode PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1560 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1560_06 Datasheet HTML 1Page - ON Semiconductor NCP1560_06 Datasheet HTML 2Page - ON Semiconductor NCP1560_06 Datasheet HTML 3Page - ON Semiconductor NCP1560_06 Datasheet HTML 4Page - ON Semiconductor NCP1560_06 Datasheet HTML 5Page - ON Semiconductor NCP1560_06 Datasheet HTML 6Page - ON Semiconductor NCP1560_06 Datasheet HTML 7Page - ON Semiconductor NCP1560_06 Datasheet HTML 8Page - ON Semiconductor NCP1560_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NCP1560
http://onsemi.com
5
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
Vin
Input Line Voltage
−0.3 to 150
V
VAUX
Auxiliary Supply Voltage
−0.3 to 16
V
IAUX
Auxiliary Supply Input Current
35
mA
VOUT
OUT1 and OUT2 Voltage
−0.3 to (VAUX + 0.3 V)
V
IOUT
OUT1 and OUT2 Output Current
10
mA
VREF
5.0 V Reference Voltage
−0.3 to 6.0
V
IREF
5.0 V Reference Output Current
6.0
mA
VIO
All Other Inputs/Outputs Voltage
−0.3 to VREF
V
IIO
All Other Inputs/Outputs Current
10
mA
TJ
Operating Junction Temperature
−40 to 125
°C
Tstg
Storage Temperature Range
−55 to 150
°C
PD
Power Dissipation at TA = 25°C
0.77
W
RqJA
Thermal Resistance, Junction−to−Ambient
130
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Pin 1 is the HV startup of the device and is rated to the max rating of the part, or 150 V.
Machine Model Method 150 V.
Pins 2−16: Human Body Model 4000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.


Similar Part No. - NCP1560_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1560HDR2 ONSEMI-NCP1560HDR2 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
More results

Similar Description - NCP1560_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
Texas Instruments
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
   Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com